Electronic Components Datasheet Search
  English  ▼

X  

D19GA Datasheet(PDF) 1 Page - Mini-Circuits

Part # D19GA
Description  Directional Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

D19GA Datasheet(HTML) 1 Page - Mini-Circuits

  D19GA Datasheet HTML 1Page - Mini-Circuits D19GA Datasheet HTML 2Page - Mini-Circuits D19GA Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
Directional Coupler
D19GA+
50Ω
21 dB
1400 to 1700 MHz
CASE STYLE: CA531
The Big Deal
• Good Directivity, 17 dB typ.
• Excellent Power Handling, 4W
• Small Size, 3.1 x 3.0 x 1.6mm
Product Overview
Mini-Circuits D19GA+ is a MMIC Directional Coupler designed for applications from 1400 to 1700 MHz.
This model provides excellent power handling up to 4W in a tiny device package (3.1 x 3.0 x 1.6 mm). A
built-in 50Ω termination on the isolated port simplifies circuit design and reduces component count. Manu-
factured using Silicon IPD technology, this model provides a high level of ESD protection and excellent
reliability.
Key Features
Feature
Advantages
Low insertion loss; 0.3 dB including
coupling loss
Can be used for sampling power amplifier output with minimal loss.
Excellent power handling; 4W (IN-OUT)
Ideal for sampling transmitter output power.
Good directivity, 17 dB typ.
Good directivity minimizes coupling of reverse power and enables accurate sampling of
the thru-signal.
High operating temperature
-40 to 105°C
Operation up to 105°C allows the Coupler to be used near power amplifiers with minimal
change in performance.
Excellent ESD
Class 1B (500 to <1000V)-HBM
Class M3 (200 to <400V)-MM
Rugged ESD design prevents ESD related failures.


Similar Part No. - D19GA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
D19G MINI-D19G Datasheet
271Kb / 1P
Directional Coupler 50廓 1420 to 1660 MHz
More results

Similar Description - D19GA

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DC17-73 ALPHA-DC17-73 Datasheet
58Kb / 3P
Directional Coupler
logo
Mini-Circuits
ZFDC-10-5 MINI-ZFDC-10-5 Datasheet
77Kb / 1P
Directional Coupler
logo
Merrimac Industries, In...
CSD-20H-2.2G MERRIMAC-CSD-20H-2.2G Datasheet
137Kb / 5P
DIRECTIONAL COUPLER
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
DIRECTIONAL COUPLER
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
Directional Coupler
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
Directional Coupler
CP360 RFHIC-CP360 Datasheet
154Kb / 2P
Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
GC6-2 SYNERGY-GC6-2 Datasheet
341Kb / 3P
Directional coupler
KDK-20-225 SYNERGY-KDK-20-225 Datasheet
252Kb / 3P
Directional coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com