Electronic Components Datasheet Search
  English  ▼

X  

NJW1138 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJW1138
Description  AUDIO PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1138 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJW1138 Datasheet HTML 13Page - New Japan Radio NJW1138 Datasheet HTML 14Page - New Japan Radio NJW1138 Datasheet HTML 15Page - New Japan Radio NJW1138 Datasheet HTML 16Page - New Japan Radio NJW1138 Datasheet HTML 17Page - New Japan Radio NJW1138 Datasheet HTML 18Page - New Japan Radio NJW1138 Datasheet HTML 19Page - New Japan Radio NJW1138 Datasheet HTML 20Page - New Japan Radio NJW1138 Datasheet HTML 21Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
NJW1138
- 21 -
TYPICAL CHARACTERISTICS
s
s
s
sNOTE
Purchase of I
2C components of New Japan Radio Co., Ltd or one of its sublicensed Associated Companies
conveys a license under the Philips I
2C Patent Rights to use these components in an I2C system, provided that
the system conforms to the I
2C Standard Specification as defined by Philips.
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
-20
-10
0
10
20
100
1000
10
4
Gain vs Frequency (T ON E)
Frequency [H z]
V+=9V, Vin(Ach)=0.1Vrm s,G v:3dB steps
Vo(Ac h), Rg=600 ohm, T a=25degC
-20
-10
0
10
20
100
1000
10
4
Gain vs Frequency (T ON E)
Frequency
[H z]
V+=9V, Vin(Ach)=0.1Vrms,G v=+15,0,-15dB
Vo(Ach), R g=600ohm
75degC
-20degC
25degC
+15dB
-15dB
-20degC
25degC
75degC
-10
-5
0
5
10
100
1000
10
4
G ain vs F requ ency (Eala & Simulated )
Frequency
[H z]
V+ =9V, Vin(Ach)=0.1Vrms, Vo(Ach), R g=600ohm
Su r1(A in-Ao):75,25,-20 de gC
Sur1(Bin-A o):75,25,-20 degC
SIM [(A +B)in-Aou t]
:75 ,2 5,-20de gC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com