Electronic Components Datasheet Search
  English  ▼

X  

SD103AWS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SD103AWS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103AWS Datasheet(HTML) 3 Page - Diodes Incorporated

  SD103AWS Datasheet HTML 1Page - Diodes Incorporated SD103AWS Datasheet HTML 2Page - Diodes Incorporated SD103AWS Datasheet HTML 3Page - Diodes Incorporated SD103AWS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SD103AWS - SD103CWS
Document number: DS30101 Rev. 19 - 2
3 of 4
www.diodes.com
January 2017
© Diodes Incorporated
SD103AWS - SD103CWS
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
0
10
5
15
25
20
30
0
10
20
30
40
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
f = 1.0MHz
0
100
0
25
50
75
100
125
T , AMBIENT TEMPERATURE ( C)
A
Fig. 4 Power Derating Curve
200
Note 6
D
He
A2
E
L
c
A1
b
a
Y
X
X1
SOD323
Dim
Min
Max
Typ
A1
--
0.10
0.05
A2
1.00
1.10
1.05
b
0.25
0.35
0.30
c
0.10
0.15
0.11
D
1.20
1.40
1.30
E
1.60
1.80
1.70
He
2.30
2.70
2.50
L
0.20
0.40
0.30
a
0º
8º
--
All Dimensions in mm
Dimensions Value (in mm)
X
0.590
X1
2.700
Y
0.450



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com