Electronic Components Datasheet Search
  English  ▼

X  

NJW1160 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJW1160
Description  AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1160 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJW1160 Datasheet HTML 17Page - New Japan Radio NJW1160 Datasheet HTML 18Page - New Japan Radio NJW1160 Datasheet HTML 19Page - New Japan Radio NJW1160 Datasheet HTML 20Page - New Japan Radio NJW1160 Datasheet HTML 21Page - New Japan Radio NJW1160 Datasheet HTML 22Page - New Japan Radio NJW1160 Datasheet HTML 23Page - New Japan Radio NJW1160 Datasheet HTML 24Page - New Japan Radio NJW1160 Datasheet HTML 25Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
NJW1160
-21 -
TYPICAL CHARACTERISTICS
0
5
10
15
05
10
15
Supply Current vs Supply Voltage
Supply Voltage [V]
Ta=25oC
8
10
12
14
16
050
100
Supply Current vs Temperature
Temperature [oC]
V+=9V
-100
-80
-60
-40
-20
0
-30
-20
-10
0
10
20
30
Gain vs Balance Control
Balance Control [dB]
V+=9V, Vin=1Vrms, f=1kHz, Rg=600
Ω
Vo(Ach)
75, 25, -20oC
Vo(Bch)
75, 25, -30oC
MUTE -30
-20
-10
0
-10
-20
-30
MUTE
-100
-80
-60
-40
-20
0
-80
-70
-60
-50
-40
-30
-20
-10
0
Gain vs Volume Control
Volume Control [dB]
V+=9V, Vin(Ach)=1Vrms,f=1kHz,
OUTPUT,Rg=600
Ω, Ta=25
oC
MUTE
75,25,-20oC
-120
-110
-100
-90
-80
-70
-60
-80
-70
-60
-50
-40
-30
-20
-10
0
Output Noise vs Volume Control
Volume Control [dB]
V+=9V, OUTPUT,A-Weighted
Rg=600
Ω, Ta=25oC
MUTE
-120
-100
-80
-60
-40
0
50
100
Output Noise vs Temperature
Temperature [oC]
V+=9V, Rg=600
Ω, A-Weighted
Vol=0dB
Vol=MUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com