Electronic Components Datasheet Search
  English  ▼

X  

LR-T64F Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LR-T64F
Description  black PLCC-2 package, colorless resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-T64F Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LR-T64F Datasheet HTML 6Page - OSRAM GmbH LR-T64F Datasheet HTML 7Page - OSRAM GmbH LR-T64F Datasheet HTML 8Page - OSRAM GmbH LR-T64F Datasheet HTML 9Page - OSRAM GmbH LR-T64F Datasheet HTML 10Page - OSRAM GmbH LR-T64F Datasheet HTML 11Page - OSRAM GmbH LR-T64F Datasheet HTML 12Page - OSRAM GmbH LR-T64F Datasheet HTML 13Page - OSRAM GmbH LR-T64F Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2016-11-03
10
Version 2.5 (OS-PCN-2016-025-A)
LR T64F
Forward Current 6) page 23 , 7) page 23
Durchlassstrom 6) Seite 23 , 7) Seite 23
IF = f (VF); TS = 25 °C
Relative Partial Flux 6) page 23 , 7) page 23
Relativer Partieller Lichtfluss 6) Seite 23 , 7) Seite 23
EV/EV(20 mA) = f(IF); TS = 25 °C
LR T64F
1,8
2,0
2,2
2,4
VF [V]
1
5
10
50
IF [mA]
LR T64F
1
2
3 4 5
10
20 30 4050
10
0
IF [mA]
0,02
0,03
0,04
0,05
0,1
0,2
0,3
0,4
0,5
1
2
3
4
5
EV
EV(20mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com