Electronic Components Datasheet Search
  English  ▼

X  

SI7446DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7446DP
Description  SPICE Device Model Si7446DP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7446DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7446DP Datasheet HTML 1Page - Vishay Siliconix SI7446DP Datasheet HTML 2Page - Vishay Siliconix SI7446DP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPICE Device Model Si7446DP
Vishay Siliconix
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
Document Number: 71720
www.vishay.com
24-May-04
1
N-Channel 30-V (D-S), Fast Switching MOSFET
CHARACTERISTICS
• N-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the n-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0 to 5V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC


Similar Part No. - SI7446DP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI7446DP-T1-GE3 VBSEMI-SI7446DP-T1-GE3 Datasheet
1Mb / 7P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI7446DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM50N03 VISHAY-SUM50N03 Datasheet
184Kb / 3P
SPICE Device Model SUM50N03-13LC
09-Jun-04
SI4922DY VISHAY-SI4922DY Datasheet
195Kb / 3P
SPICE Device Model Si4922DY
16-Apr-01
SI6801DQ VISHAY-SI6801DQ Datasheet
302Kb / 4P
SPICE Device Model Si6801DQ
22-May-04
SI9936BDY VISHAY-SI9936BDY Datasheet
179Kb / 3P
SPICE Device Model Si9936BDY
02-Jun-04
SUD15N15-95 VISHAY-SUD15N15-95 Datasheet
180Kb / 3P
SPICE Device Model SUD15N15-95
05-Jun-04
logo
Voltage Multipliers Inc...
1N6521 VMI-1N6521 Datasheet
132Kb / 1P
Spice Model
1N6535 VMI-1N6535 Datasheet
45Kb / 1P
Spice Model
FP100F VMI-FP100F Datasheet
40Kb / 1P
Spice Model
M160FF3 VMI-M160FF3 Datasheet
125Kb / 1P
Spice Model
M160SG VMI-M160SG Datasheet
124Kb / 1P
Spice Model
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com