Electronic Components Datasheet Search
  English  ▼

X  

ISL29030 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL29030
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL29030 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL29030 Datasheet HTML 9Page - Renesas Technology Corp ISL29030 Datasheet HTML 10Page - Renesas Technology Corp ISL29030 Datasheet HTML 11Page - Renesas Technology Corp ISL29030 Datasheet HTML 12Page - Renesas Technology Corp ISL29030 Datasheet HTML 13Page - Renesas Technology Corp ISL29030 Datasheet HTML 14Page - Renesas Technology Corp ISL29030 Datasheet HTML 15Page - Renesas Technology Corp ISL29030 Datasheet HTML 16Page - Renesas Technology Corp ISL29030 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ISL29030
FN6872 Rev 1.00
Page 13 of 17
November 12, 2012
Typical Performance Curves V
DD = 3.0V, REXT = 499k
FIGURE 6. SPECTRUM OF FOUR LIGHT SOURCES NORMALIZED
BY LUMINOUS INTENSITY (LUX)
FIGURE 7. ISL29030 SENSITIVITY TO DIFFERENT WAVELENGTHS
FIGURE 8. ANGULAR SENSITIVITY
FIGURE 9. ALS LINEARITY OVER 3 LIGHT SOURCES (2000 LUX
RANGE)
FIGURE 10. PROX COUNTS vs DISTANCE WITH 10CM x 10CM
REFLECTOR (USING ISL29030 EVALUATION BOARD)
FIGURE 11. VDD vs IDD FOR VARIOUS MODES OF OPERATION (IALS
PIN FLOATING)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350
550
750
950
WAVELENGTH (nm)
FLUORESCENT
SUN
INCAND.
HALOGEN
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
300
400
500
600
700
800
900
1000
1100
WAVELENGTH (nm)
ALS
HUMAN EYE
IR/PROX
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-90
-60
-30
0
30
60
90
ANGULAR OFFSET (°)
0
500
1000
1500
2000
2500
0
1000
2000
3000
4000
5000
ALS CODE (12-BIT)
FLUORESCENT
INCANDESCENT
HALOGEN
0
50
100
150
200
250
300
0
20
40
60
80
100 120 140 160 180 200
DISTANCE (mm)
WHITE COPY PAPER
220mA MODE
18% GREY CARD
110mA MODE
40
60
80
100
120
140
160
2.25 2.40
2.55
2.85 3.00 3.15
3.45
INPUT VDD (V)
ALS+PROX (DURING PROX SLEEP)
ALS-ONLY
3.60
3.30
2.70
PROX (DURING PROX SLEEP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com