Electronic Components Datasheet Search
  English  ▼

X  

ISL51002 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL51002 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL51002 Datasheet HTML 9Page - Renesas Technology Corp ISL51002 Datasheet HTML 10Page - Renesas Technology Corp ISL51002 Datasheet HTML 11Page - Renesas Technology Corp ISL51002 Datasheet HTML 12Page - Renesas Technology Corp ISL51002 Datasheet HTML 13Page - Renesas Technology Corp ISL51002 Datasheet HTML 14Page - Renesas Technology Corp ISL51002 Datasheet HTML 15Page - Renesas Technology Corp ISL51002 Datasheet HTML 16Page - Renesas Technology Corp ISL51002 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ISL51002
FN6164 Rev 3.00
Page 13 of 33
February 29, 2012
0x04
Interrupt Status,
Write a 1 to each bit to clear
it, 0xFF to clear all.
0
CH0 Sync Changed
0: No change
1: CH0 activity or polarity changed
1
CH1 Sync Changed
0: No change
1: CH1 activity or polarity changed
2
CH2 Sync Changed
0: No change
1: CH2 activity or polarity changed
7
Reserved
Ignore this bit
4
Selected Input Channel
Disrupted
0: No change
1: Currently selected Input Channel’s HSYNC or VSYNC
signal has changed (fast notification of a mode change)
5
Selected Input Channel
Changed
0: No change
1: Currently selected Input Channel’s HSYNC or VSYNC
period or pulse width has settled to a new value and can be
measured
6
VSYNC INT
0: Default state
1: VSYNC occurred
7
PADJ INT
0: Default state
1: Phase Adjustment function completed.
0x05
Interrupt Mask Register,
(0xFF)
0
CH0 Mask
0: Generate interrupt if CH0 sync activity, polarity, period, or
pulse width changes
1: Mask CH0 interrupt
1
CH1 Mask
0: Generate interrupt if CH1 sync activity, polarity, period, or
pulse width changes
1: Mask CH1 interrupt
2
CH2 Mask
0: Generate interrupt if CH2 sync activity, polarity, period, or
pulse width changes
1: Mask CH2 interrupt
3
Reserved
Set this bit to 1.
4
Input Disrupted Mask
0: Generate interrupt if selected Input Channel’s sync inputs
are disrupted
1: Mask Input Channel interrupt
5
Input Changed Mask
0: Generate interrupt after selected Input Channel period or
pulse width settles to new value
1: Mask Input Channel interrupt
6
VSYNC INT Mask
0: Generate interrupt every VSYNC
1: Mask VSYNC Interrupt
7
PADJ INT Mask
0: Generate interrupt upon phase adjustment block request
completion
1: Mask Phase adjustment interrupt
Register Listing (Continued)
ADDRESS
REGISTER
(DEFAULT VALUE)
BITS
FUNCTION NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com