Electronic Components Datasheet Search
  English  ▼

X  

ISL55005 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL55005
Description  MMIC Silicon Bipolar Broadband Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL55005 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL55005 Datasheet HTML 1Page - Renesas Technology Corp ISL55005 Datasheet HTML 2Page - Renesas Technology Corp ISL55005 Datasheet HTML 3Page - Renesas Technology Corp ISL55005 Datasheet HTML 4Page - Renesas Technology Corp ISL55005 Datasheet HTML 5Page - Renesas Technology Corp ISL55005 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ISL55005
FN6199 Rev 0.00
Page 2 of 6
May 22, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Device Test Setup
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage from VSP to GND . . . . . . . . . . . . . . . . . . . . . . . . 6V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . VS+ +0.3V to GND -0.3V
Power Dissipation . . . . . . . . . . . . See Packging Information Section
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +125°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .3000V
Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . .300V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VSP = +3.3V, Zrsc = Zload = 50
, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Gt
Small Signal Gain
1.0GHz
16.2
17.2
18.2
dB
1.5GHz
16.0
17.0
18.0
dB
2.0GHz
15.6
16.6
17.6
dB
P1dB
Output Power at 1dB Compression
1.0GHz
5.5
7.5
9.5
dBm
2.0GHz
4.9
6.4
7.9
dBm
OIP3
Output Third Order Intercept Point
1.0GHz
18.0
dBm
2.0GHz
17.3
dBm
BW
3dB Bandwidth
3dB below Gain @ 500MHz
3.0
GHz
IRL
Input Return Loss
1.0GHz Zrsc = 75
Zload = 50
14.5
dB
ORL
Output Return Loss
1.0GHz Zrsc = 75
Zload = 50
17.6
dB
RISOL
Reverse Isolation
2.0GHz
21.8
dB
NF
Noise Figure
2.0GHz
3.6
dB
ID
Device Operating Current
17.5
20.6
23.5
mA
50
50
50
50
3.3V
VNA
DC BLOCK
DUT
BIAS TEE
3.3V
POWER
SUPPLY
PICOSECOND LABS
MODEL 5508-110
PICOSECOND LABS
MODEL 5542
CONNECTORLESS
PLATFORM
Agilent _8753ES
INPUT
REFERENCE
PLANE
OUTPUT
REFERENCE
PLANE
I1
I2
IDEVICE
PIN 3
PIN 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com