Electronic Components Datasheet Search
  English  ▼

X  

ISL55013 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL55013
Description  MMIC Silicon Bipolar Broadband Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL55013 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL55013 Datasheet HTML 1Page - Renesas Technology Corp ISL55013 Datasheet HTML 2Page - Renesas Technology Corp ISL55013 Datasheet HTML 3Page - Renesas Technology Corp ISL55013 Datasheet HTML 4Page - Renesas Technology Corp ISL55013 Datasheet HTML 5Page - Renesas Technology Corp ISL55013 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ISL55013
FN6283 Rev 0.00
Page 2 of 6
Feb 13, 2007
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only.
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage from VSP to GND . . . . . . . . . . . . . . . . . . . . . . . . 6V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . VS+ +0.3V to GND -0.3V
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +125°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .6000V
Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . .300V
Thermal Resistance (Typical)
JA (°C/W)
6 Ld SC-70 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
200
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device.
Electrical Specifications
VSP = +5V, ZRSC = ZLOAD = 50, TA = +25°C, 24VSP to OUT, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VSP
Supply Voltage
To operate below 5V, the 24
resistor to
supply should be reduced
3.0
5.5
V
Gt
Small Signal Gain
1.0GHz
10.6
11.8
13.1
dB
1.5GHz
10
11.2
12.5
dB
2.0GHz
9.8
11.2
12.3
dB
P1dB
Output Power at 1dB Compression
1.0GHz
15.9
17.4
18.9
dBm
2.0GHz
15.5
17
18.5
dBm
OIP3
Output Third Order Intercept Point
1.0GHz
31.5
dBm
2.0GHz
28.3
dBm
OIP2
Output Second Order Intercept Point
Input tones at 1.0GHz and 1.1GHz, at Input
Power = -15dBm, Output tone 2.1GHz
49.1
dBm
BW
3dB Bandwidth
3dB below Gain @ 500MHz
2.8
GHz
IRL
Input Return Loss
1.0GHz
15.8
dB
ORL
Output Return Loss
1.0GHz
15.9
dB
RISOL
Reverse Isolation
2.0GHz
17.8
dB
NF
Noise Figure
2.0GHz
5.0
dB
ID
Device Operating Current
54
62.3
69
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com