Electronic Components Datasheet Search
  English  ▼

X  

ISL55014 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL55014
Description  MMIC Silicon Bipolar Broadband Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL55014 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL55014 Datasheet HTML 1Page - Renesas Technology Corp ISL55014 Datasheet HTML 2Page - Renesas Technology Corp ISL55014 Datasheet HTML 3Page - Renesas Technology Corp ISL55014 Datasheet HTML 4Page - Renesas Technology Corp ISL55014 Datasheet HTML 5Page - Renesas Technology Corp ISL55014 Datasheet HTML 6Page - Renesas Technology Corp ISL55014 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISL55014
FN6259 Rev.1.00
Page 2 of 7
Jul 20, 2017
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage from VSP to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VS+ +0.3V to GND -0.3V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . . . . . 6000V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . . . . . . . 300V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
6 Ld SC-70 (Notes 5, 6) . . . . . . . . . . . . . . . .
255
195
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +125°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+135°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty..
NOTES:
5.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
JC, the “case temp” location is taken at the package top center.
Electrical Specifications VSP = +5V, ZRSC = ZLOAD = 50Ω, TA = +25°C, 24Ω VSP to OUT, unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT
Supply Voltage
VSP
To operate below 5V, the 24Ω resistor to supply
should be reduced
3.0
5.5
V
Small Signal Gain
Gt
1.0GHz
15.9
17.2
18.4
dB
1.5GHz
15.5
16.7
18
dB
2.0GHz
15.5
16.7
18
dB
Output Power at 1dB Compression
P1dB
1.0GHz
16
17.6
19.2
dBm
2.0GHz
15.9
17.5
19.4
dBm
Output Third Order Intercept Point
OIP3
1.0GHz
30.3
dBm
2.0GHz
25
dBm
Output Second Order Intercept Point
OIP2
Input tones at 1.0GHz and 1.1GHz, at input
power = -15dBm, output tone 2.1GHz
43.8
dBm
3dB Bandwidth
BW
3dB below gain at 500MHz
2.75
GHz
Input Return Loss
IRL
1.0GHz
20.8
dB
Output Return Loss
ORL
1.0GHz
12.8
dB
Reverse Isolation
RISOL
2.0GHz
22.2
dB
Noise Figure
NF
2.0GHz
4.3
dB
Device Operating Current
ID
56
63
72
mA
NOTE:
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com