Electronic Components Datasheet Search
  English  ▼

X  

MP20045DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP20045DN
Description  Low Noise, 1A, Linear Regulator EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20045DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP20045DN Datasheet HTML 1Page - Monolithic Power Systems MP20045DN Datasheet HTML 2Page - Monolithic Power Systems MP20045DN Datasheet HTML 3Page - Monolithic Power Systems MP20045DN Datasheet HTML 4Page - Monolithic Power Systems MP20045DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EV20045DN-00A – LOW NOISE, 1A LINEAR REGULATOR
EV20045DN-00A Rev. 1.0
www.MonolithicPower.com
4
11/3/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
QUICK START GUIDE (ADJUSTABLE OUTPUT)
The output voltage of this board is set externally which ranges from 1.5V to 5V by operating from +2.5V
to +5.5V input as the figure 4. The default output voltage of this board is set to 3.0V.
The board layout accommodates most commonly used resistors and capacitors.
1. Attach the positive and negative ends of the load to the VOUT and GND pins, respectively.
2. Attach the Input Voltage (3.5V ≤ VIN ≤ 5.5V) and Input Ground to the VIN and GND pins,
respectively.
3. To enable the MP20045, apply a voltage, 1.5V ≤ VEN ≤ 5.5V, to the EN pin. To disable the MP20045,
apply a voltage, VEN < 0.4V, to the EN pin. The EN pin can be connected to VIN with a 100kΩ
resistor for automatic startup.
4. The Output Voltage VOUT can be changed by varying R2. Calculate the new value by formula:
OUT
FB
R1
R2
V
() 1
V
=
−
Where VFB = 1.5V and R1 = 10kΩ.
Example:
For VOUT = 3.0V:
10kΩ
1
)
1.5
3.0
(
10kΩ
R2
=
−
=
Therefore, use a 10kΩ standard 1% value.
MP20045
R1
R2
COUT
2.2
C3(optioanl)
0.1
VOUT
VIN
EN
FB
R3
100k
PG
1
OUT
2
V
=
(1+
)Volts
R
1.5
R
×
Figure 4—Adjustable Version
MP20045
COUT
2.2
VOUT
VIN
EN
FB
R3
100k
CIN
10
PG
Figure 5—Fixed Version



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com