Electronic Components Datasheet Search
  English  ▼

X  

ISL59116IIZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL59116IIZ
Description  YC to Composite Video Driver with LPF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL59116IIZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL59116IIZ Datasheet HTML 1Page - Renesas Technology Corp ISL59116IIZ Datasheet HTML 2Page - Renesas Technology Corp ISL59116IIZ Datasheet HTML 3Page - Renesas Technology Corp ISL59116IIZ Datasheet HTML 4Page - Renesas Technology Corp ISL59116IIZ Datasheet HTML 5Page - Renesas Technology Corp ISL59116IIZ Datasheet HTML 6Page - Renesas Technology Corp ISL59116IIZ Datasheet HTML 7Page - Renesas Technology Corp ISL59116IIZ Datasheet HTML 8Page - Renesas Technology Corp ISL59116IIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ISL59116
FN6277 Rev 0.00
Page 2 of 10
September 21, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Supply Voltage from VDD to GND . . . . . . . . . . . . . . . . . . . . . . . 4.2V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . VDD +0.3V to GND -0.3V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
ESD Classification
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +125°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VDD = 3.3V, TA = +25°C, RL = 150 to GND, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VDD
Supply Voltage Range
2.5
3.6
V
IDD
Quiescent Supply Current
VIN = 500mV, EN = VDD, no load
4.6
6.5
mA
IDD_OFF
Shutdown Supply Current
EN = 0V
0.1
0.5
µA
VY_CLAMP
Y Input Clamp Voltage
IY = -100µA
-30
-15
10
mV
IY_DOWN
Y input Clamp Discharge Current
VY = 0.5V
3
5.5
7
µA
IY_UP
Y Input Clamp Charge Current
VY = -0.1V
-3.7
-2.5
mA
RY
Y Input Resistance
0.5V < VY < 1V
10
M
VC_CLAMP
C Input Clamp Voltage
VY = 0.05V, IC = 0A
500
550
700
mV
RC
C Input Resistance
VY = 0.05V, 0.25V < VC < 0.75V
2.0
2.5
3
k
IC
C Input Bias Current
VY = 0.3V
10
pA
VY_SYNC
Y Input Sync Detect Voltage
100
150
200
mV
VOLS
Output Level Shift Voltage
VIN = 0V, no load
60
140
200
mV
AV_CY
Voltage Gain, C-Y channel
RL = 150
1.95
1.99
2.04
V/V
AV_CVBS
Voltage Gain, CVBS channel
RL = 150
1.93
1.98
2.04
V/V
AV_CY
C-to-Y Channel Gain Mismatch
-1.75
±0.5
1.75
%
AV_CVBS
C/Y-to-CVBS Channel Gain Mismatch
-3
±0.7
+3
%
PSRRCY
DC Power Supply Rejection (S-Video)
VDD = 2.5V to 3.6V
40
60
dB
PSRRCVBS
DC Power Supply Rejection (Composite) VDD = 2.5V to 3.6V
25
35
dB
VOH
Output Voltage High Swing
VIN = 2V, RL = 150 to GND
2.85
3.2
V
ISC
Output Short-Circuit Current
VIN = 2V, to GND through 10
100
145
mA
IENABLE
EN, ENCLAMP Input Current
0V < VENx < 3.3V
-0.2
0.2
µA
VIL
Disable Threshold
0.8
V
VIH
Enable Threshold
2.0
V
ROUT
Shutdown Output Impedance
EN = 0V, DC
5
6.5
8
k
EN = 0V, f = 4.5MHz
3.4
k
AC PERFORMANCE
BW0.1dB
±0.1dB Bandwidth
RL = 150, CL = 5pF
5
MHz
BW3dB
-3dB Bandwidth
RL = 150, CL = 5pF
9.0
MHz
Normalized Stopband Gain
f = 27MHz
-24.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com