Electronic Components Datasheet Search
  English  ▼

X  

ISL59830IAZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL59830IAZ
Description  True Single Supply Video Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL59830IAZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL59830IAZ Datasheet HTML 7Page - Renesas Technology Corp ISL59830IAZ Datasheet HTML 8Page - Renesas Technology Corp ISL59830IAZ Datasheet HTML 9Page - Renesas Technology Corp ISL59830IAZ Datasheet HTML 10Page - Renesas Technology Corp ISL59830IAZ Datasheet HTML 11Page - Renesas Technology Corp ISL59830IAZ Datasheet HTML 12Page - Renesas Technology Corp ISL59830IAZ Datasheet HTML 13Page - Renesas Technology Corp ISL59830IAZ Datasheet HTML 14Page - Renesas Technology Corp ISL59830IAZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ISL59830
FN7489 Rev.1.00
Page 13 of 15
May 4, 2006
NTSC
The ISL59830, generating a negative rail internally, is ideally
suited for NTSC video with its accompanying negative-going
sync signals; easily handled by the ISL59830 without the need
of an additional supply as the ISL59830 generates a negative
rail with an internal charge pump referenced at negative 1/2
the positive supply.
YPbPr
YPbPr signals originating from a DVD player requiring three
channels of very tightly-controlled amplifier gain accuracy
present no difficulty for the ISL59830. Specifically, this
standard encodes sync on the Y channel and it is a negative-
going signal; easily handled by the ISL59830 without the need
of an additional supply as the ISL59830 generates a negative
rail placed at negative 1/2 the positive supply. Additionally, the
Pb and Pr are bipolar analog signals and the video signals are
negative-going; and again easily handled by the ISL59830.
Driving Capacitive Loads and Cables
The ISL59830, internally-compensated to drive 75
 cables,
will drive 10pF loads in parallel with 1k
 with less than 5dB of
peaking. If less peaking is required, a small series resistor,
usually between 5
 to 50, can be placed in series with the
output. This will reduce peaking at the expense of a slight
closed loop gain reduction. When used as a cable driver,
double termination is always recommended for reflection-free
performance. For those applications, a back-termination series
resistor at the amplifier's output will isolate the amplifier from
the cable and allow extensive capacitive drive. However, other
applications may have high capacitive loads without a back-
termination resistor. Again, a small series resistor at the output
can help to reduce peaking. The ISL59830 is a triple amplifier
designed to drive three channels; simply deal with each
channel separately as described in this section.
DC-Restore
When the ISL59830 is AC-coupled it becomes necessary to
restore the DC reference for the signal. This is accomplished
with a DC-restore system applied between the capacitive "AC"
coupling and the input of the device. Refer to Application
Circuit for reference DC-restore solution.
Amplifier Disable
The ISL59830 can be disabled and its output placed in a high
impedance state. The turn-off time is around 25ns and the turn-
on time is around 200ns. When disabled, the amplifier's supply
current is reduced to 80mA typically, reducing power
consumption. The amplifier's power-down can be controlled by
standard TTL or CMOS signal levels at the EN pin. The applied
logic signal is relative to GND pin. Letting the EN pin float or
applying a signal that is less than 0.8V above GND will enable
the amplifier. The amplifier will be disabled when the signal at
EN pin is 2V above GND. The VEE charge pump remains
active.
Output Drive Capability
The ISL59830 does not have internal short-circuit protection
circuitry. A short-circuit current of 80mA sourcing and 150mA
sinking for the output is connected to half way between the
rails with a 10
 resistor. If the output is shorted indefinitely, the
power dissipation could easily increase such that the part will
be destroyed. Maximum reliability is maintained if the output
current never exceeds ±40mA, after which the electro-
migration limit of the process will be exceeded and the part will
be damaged. This limit is set by the design of the internal metal
interconnections.
Power Dissipation
With the high output drive capability of the ISL59830, it is
possible to exceed the 150°C absolute maximum junction
temperature under certain load current conditions. Therefore, it
is important to calculate the maximum junction temperature for
an application to determine if load conditions or package types
need to be modified to assure operation of the amplifier in a
safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
JA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC is
the total quiescent supply current times the total power supply
voltage, plus the power in the IC due to the load, or:
for sourcing:
for sinking:
Where:
VS = Supply voltage
ISMAX = Maximum quiescent supply current
VOUT = Maximum output voltage of the application
RLOAD = Load resistance tied to ground
ILOAD = Load current
i = Number of output channels
PDMAX
TJMAX TAMAX
–
JA
---------------------------------------------
=
PDMAX
VS ISMAX VS VOUTi
–

+
VOUTi
RLi
-----------------
=
PDMAX
VS ISMAX VOUTiVS
–

+
ILOADi
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com