Electronic Components Datasheet Search
  English  ▼

X  

NT5DS32M8AT Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # NT5DS32M8AT
Description  256Mb DDR333/300 SDRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT5DS32M8AT Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button NT5DS32M8AT Datasheet HTML 12Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 13Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 14Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 15Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 16Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 17Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 18Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 19Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb DDR333/300 SDRAM
Preliminary
10/01
16
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VIN, VOUT
Voltage on I/O pins relative to VSS
−0.5 to V
DDQ+ 0.5
V
VIN
Voltage on Inputs relative to VSS
−0.5 to +3.6
V
VDD
Voltage on VDD supply relative to VSS
−0.5 to +3.6
V
VDDQ
Voltage on VDDQ supply relative to VSS
−0.5 to +3.6
V
TA
Operating Temperature (Ambient)
0 to
+70
°C
TSTG
Storage Temperature (Plastic)
−55 to +150
°C
PD
Power Dissipation
1.0
W
IOUT
Short Circuit Output Current
50
mA
Note: Stresses greater than those listed under “Absolute Maximum Ratings”may cause permanent damage to the device. This is a stress rat-
ing only, and functional operation of the device at these or any other conditions above those indicated in the operational sections of this speci-
fication is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com