Electronic Components Datasheet Search
  English  ▼

X  

ST1L04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1L04
Description  LOW QUIESCENT CURRENT VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L04 Datasheet(HTML) 1 Page - STMicroelectronics

  ST1L04 Datasheet HTML 1Page - STMicroelectronics ST1L04 Datasheet HTML 2Page - STMicroelectronics ST1L04 Datasheet HTML 3Page - STMicroelectronics ST1L04 Datasheet HTML 4Page - STMicroelectronics ST1L04 Datasheet HTML 5Page - STMicroelectronics ST1L04 Datasheet HTML 6Page - STMicroelectronics ST1L04 Datasheet HTML 7Page - STMicroelectronics ST1L04 Datasheet HTML 8Page - STMicroelectronics ST1L04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
February 2005
I
ADJUSTABLE OUTPUT VOLTAGE FROM
0.8V to VI -Vd
I
INTERNAL REFERENCE VOLTAGE
ACCURACY ± 2% AT 25°C
I
OUTPUT CURRENT CAPABILITY: 1A
MINIMUM
I
VERY LOW QUIESCENT CURRENT: MAX
3mA OVER TEMPERATURE RANGE
I
MAXIMUM DROPOUT 1V (@ IO=1A)
I
STABLE ONLY WITH LOW ESR CERAMIC
CAPACITORS
I
THERMAL SHUTDOWN PROTECTION
WITH HYSTERESIS
I
OVER CURRENT PROTECTION
I
OPERATING JUNCTION TEMPERATURE
RANGE: FROM 0 TO 125°C
DESCRIPTION
The ST1L04 is a low drop adjustable linear
voltage regulator capable to supply up to 1A
output current.
The output voltage can be as low as 0.8V. The
quiescent
current
is
well
controlled
and
maintained below 3mA over the whole allowed
junction temperature range. The ST1L04 is stable
only with low ESR output ceramic capacitors.
Internal
protection
circuitry
includes
thermal
protection
with
hysteresis
and
over
current
limiting.
The ST1L04 is especially suitable for applications
requiring low voltage outputs from low voltage
inputs. Typical application for this product are,
notebook PCs, low voltage ASIC, VID power
supplies and low cost post regulation for 3.3V
output voltage switching regulators.
ST1L04
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
Figure 1: Schematic Diagram
PPAK
Rev. 1


Similar Part No. - ST1L04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L02PU18R STMICROELECTRONICS-ST1L02PU18R Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L02PU25R STMICROELECTRONICS-ST1L02PU25R Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L02PU33R STMICROELECTRONICS-ST1L02PU33R Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L02PUR STMICROELECTRONICS-ST1L02PUR Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L02XX STMICROELECTRONICS-ST1L02XX Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
More results

Similar Description - ST1L04

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
Ultra-Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480 Datasheet
269Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
Ultra-Low Quiescent Current Voltage Regulator
LM9036Q TI-LM9036Q_15 Datasheet
835Kb / 14P
Ultra-Low Quiescent Current Voltage Regulator
logo
Global Mixed-mode Techn...
G921 GMT-G921 Datasheet
62Kb / 1P
Low Quiescent Current Voltage Regulator
G920 GMT-G920 Datasheet
65Kb / 1P
Low Quiescent Current Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com