Electronic Components Datasheet Search
  English  ▼

X  

OM4206RT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM4206RT
Description  HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM4206RT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM4206RT Datasheet HTML 1Page - List of Unclassifed Manufacturers OM4206RT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM4206ST/RT/DT OM4226ST/RT/DT
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
TYPICAL FORWARD VOLTAGE
MECHANICAL OUTLINE
PIN CONNECTION
TYPICAL REVERSE CURRENT
OM4226
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
T = 25°C
T = 125°C
.3
.4
.5
.6
.7
.8
.9
1.0
0
50
100
V
F, INSTANTANEOUS VOLTAGE (VOLTS)
V
R, REVERSE VOLTAGE (VOLTS)
20
10
9
8
7
6
5
4
3
2
1
100
10
1.0
0.1
0.01
0.001
T
J = 150°C
T
J= 125°C
T
J = 100°C
T
J = 75°C
T
J = 25°C
Maximum
Maximum Reverse
Type
PIV
Forward Voltage
Current
I
F @ 8 Amps
(1)
@PIV
T
j = 25°C
T
j = 125°C
T
j = 25°C
T
j = 125°C
OM4226XX
60
OM4206XX
100
.85 V
.68 V
5mA
150mA
ELECTRICAL CHARACTERISTICS (Per Diode)
123
(1) Pulse Test: Pulse Width = ms, Duty Cycle ‡ 2.0%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com