Electronic Components Datasheet Search
  English  ▼

X  

LT-T67C Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LT-T67C
Description  white PLCC-2 package, colorless clear resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LT-T67C Datasheet(HTML) 1 Page - OSRAM GmbH

  LT-T67C Datasheet HTML 1Page - OSRAM GmbH LT-T67C Datasheet HTML 2Page - OSRAM GmbH LT-T67C Datasheet HTML 3Page - OSRAM GmbH LT-T67C Datasheet HTML 4Page - OSRAM GmbH LT-T67C Datasheet HTML 5Page - OSRAM GmbH LT-T67C Datasheet HTML 6Page - OSRAM GmbH LT-T67C Datasheet HTML 7Page - OSRAM GmbH LT-T67C Datasheet HTML 8Page - OSRAM GmbH LT-T67C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-01-31
1
2017-01-31
TOPLED
Datasheet
Version 2.1 (NFND) - OS-PCN-2016-012-A
LT T67C
TOPLED, SMT LED with integrated reflector. With our
great experience in SMT LED we are able to offer a
high quality product for all kind of applications.
TOPLED, SMT-LED mit integriertem Reflektor. Mit
unserer großen Erfahrung in SMT LED sind wir in der
Lage, ein qualitativ hochwertiges Produkt für alle Arten
von Anwendungen anzubieten.
Features:
Besondere Merkmale:
•
Package: white PLCC-2 package, colorless clear
resin
•
Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser klarer Verguss
•
Technology: InGaN
•
Technologie: InGaN
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: true green (528 nm)
•
Farbe: true green (528 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Backlighting
•
Hinterleuchtung
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Scanners
•
Scanner


Similar Part No. - LT-T67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LT-T673 OSRAM-LT-T673 Datasheet
443Kb / 20P
white PLCC-2 package, colorless clear resin
logo
ams-OSRAM AG
LT-T673 AMSOSRAM-LT-T673 Datasheet
1Mb / 23P
TOPLED®
2022-09-21
LT-T67D AMSOSRAM-LT-T67D Datasheet
1Mb / 23P
TOPLED®
2023-02-13
logo
OSRAM GmbH
LT-T67S OSRAM-LT-T67S Datasheet
449Kb / 20P
white PLCC-2 package, colorless clear resin
More results

Similar Description - LT-T67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LP-T67F OSRAM-LP-T67F Datasheet
985Kb / 20P
white PLCC-2 package, colorless clear resin
LA-T67D OSRAM-LA-T67D Datasheet
1Mb / 19P
white PLCC-2 package, colorless clear resin
LG-T670 OSRAM-LG-T670 Datasheet
442Kb / 19P
white PLCC-2 package, colorless clear resin
LG-T679 OSRAM-LG-T679 Datasheet
440Kb / 19P
white PLCC-2 package, colorless clear resin
LO-T676 OSRAM-LO-T676 Datasheet
477Kb / 19P
white PLCC-2 package, colorless clear resin
LS-T679 OSRAM-LS-T679 Datasheet
439Kb / 19P
white PLCC-2 package, colorless clear resin
LT-TTSD OSRAM-LT-TTSD Datasheet
737Kb / 22P
white PLCC-2 package, colorless clear resin
LY-T67K OSRAM-LY-T67K Datasheet
444Kb / 19P
white PLCC-2 package, colorless clear resin
LY-T676 OSRAM-LY-T676 Datasheet
990Kb / 22P
white PLCC-2 package, colorless clear resin
LY-T679 OSRAM-LY-T679 Datasheet
440Kb / 19P
white PLCC-2 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com