Electronic Components Datasheet Search
  English  ▼

X  

SFH-9202 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-9202
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9202 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-9202 Datasheet HTML 1Page - OSRAM GmbH SFH-9202 Datasheet HTML 2Page - OSRAM GmbH SFH-9202 Datasheet HTML 3Page - OSRAM GmbH SFH-9202 Datasheet HTML 4Page - OSRAM GmbH SFH-9202 Datasheet HTML 5Page - OSRAM GmbH SFH-9202 Datasheet HTML 6Page - OSRAM GmbH SFH-9202 Datasheet HTML 7Page - OSRAM GmbH SFH-9202 Datasheet HTML 8Page - OSRAM GmbH SFH-9202 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Version 1.0 (not for new design)
SFH 9202
2012-08-17
3
Characteristics (TA = 25 °C)
Kennwerte
Ambient temperature range
Umgebungstemperatur
TA
-40 ... 100
°C
Total power dissipation
Verlustleistung
Ptot
150
mW
Electrostatic discharge
Elektrostatische Entladung
VESD
2kV
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emitter
Sender
Emission wavelength
Zentrale Emissionswellenlänge
λpeak
950
nm
Forward voltage
Durchlassspannung
(IF = 50 mA)
VF
1.25 (≤ 1.65)
V
Reverse current
Sperrstrom
(VR = 5 V)
IR
0.01 (≤ 1)
µA
Capacitance
Kapazität
(VR = 0 V, f = 1 MHz)
C0
25
pF
Detector
Empfänger
Capacitance
Kapazität
(VCE = 0 V, f = 1 MHz, E = 0)
CCE
4pF
Dark current
Dunkelstrom
(VCE = 20 V)
ICE0
5 (≤ 50)
nA
Photocurrent (outside light density)
Fotostrom (Fremdlichtempfindlichkeit)
(VCE = 5 V, EV = 1000 lx)
IPCE
1mA
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com