Electronic Components Datasheet Search
  English  ▼

X  

TLE6250 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6250
Description  High Speed CAN-Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6250 Datasheet HTML 1Page - Infineon Technologies AG TLE6250 Datasheet HTML 2Page - Infineon Technologies AG TLE6250 Datasheet HTML 3Page - Infineon Technologies AG TLE6250 Datasheet HTML 4Page - Infineon Technologies AG TLE6250 Datasheet HTML 5Page - Infineon Technologies AG TLE6250 Datasheet HTML 6Page - Infineon Technologies AG TLE6250 Datasheet HTML 7Page - Infineon Technologies AG TLE6250 Datasheet HTML 8Page - Infineon Technologies AG TLE6250 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
5
Rev. 4.1
2017-03-15
TLE6250
High Speed CAN-Transceiver
Pin configuration
3
Pin configuration
Figure 3
Pin configuration TLE6250G (top view)
Figure 4
Pin configuration TLE6250GV33 (top view)
Table 1
Pin definitions and functions TLE6250G
Pin No. Symbol
Function
1TxD
CAN transmit data input; 20 kΩ pull-up, “low” in dominant state
2GND
Ground
3
VCC
5 V supply input
4RxD
CAN receive data output; “low” in dominant state, integrated pull-up
5RM
Receive-only input; control input, 20 kΩ pull-up, set to “low” for entering Receive-only
mode
6CANL
Low line I/O; “low” in dominant state
7CANH
High line I/O; “high” in dominant state
8INH
Inhibit input; control input, 20 kΩ pull-up, set to “low” for entering normal mode
Table 2
Pin definitions andfFunctions TLE6250GV33
Pin No. Symbol
Function
1TxD
CAN transmit data input; 20 kΩ pull-up, “low” in dominant state
2GND
Ground
3
VCC
5V supply input
4RxD
CAN receive data output; “low” in dominant state, integrated pull-up
AEP03320.VSD
1
TxD
2
GND
3
VCC
4
RxD
8
7
6
5
CANH
CANL
INH
RM
TLE6250 G
AEP03321.VSD
1
TxD
2
GND
3
VCC
4
RxD
8
7
6
5
CANH
CANL
V33V
INH
TLE6250GV 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com