Electronic Components Datasheet Search
  English  ▼

X  

PC100F5 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PC100F5
Description  FRD MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC100F5 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PC100F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FRD MODULE 100A/500V/trr:100nsec
PC100F5
PC100F5
PC100F5
PC100F5
Maximum Ratings
Approx Net Weight:210g
Voltage
Voltage
Voltage
Voltage Rating
Rating
Rating
Rating
Symbol
PC100F5
Unit
Repetitive Peak Reverse Voltage
per Arm
VRRM
500
V
Elect
Elect
Elect
Electrical Rating
rical Rating
rical Rating
rical Rating
Condition
Condition
Condition
Condition
Rating
Rating
Rating
Rating
Average Rectified Output Current
IO
50Hz Half Sine Wave condition
per Arm Tc=84
°C
100
A
RMS Forward Current
IF(RMS) per Arm
157
A
Surge Forward Current
IFSM
50 Hz Half Sine Wave,1cycle
Non-repetitive per Arm
1800
A
I Squared t
I2t
2 msec to 10 msec per Arm
16200
A2s
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminal, AC1min
2000
V
Case mounting(recommended)
2.6
Mounting torque
Ftor
Terminal Screw(recommended)
1.4
N•m
Electrical
• Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Forward Voltage
VFM
IFM= 100A, Tj=25
°C, per Arm
1.35
V
Peak Reverse Current
IRM
VRM= VRRM, Tj= 150
°C, per Arm
10
mA
Reverse Recovery Time
trr
IFM= 10A, -di/dt= 50 A/
µs, Ta= 25°C
Per Arm
100
ns
Rth(j-c) Junction to Case per Arm
0.5
Thermal Resistance
Rth(c-f)
Base Plate to Heat Sink with Thermal
Compound
0.1
°C/W
Internal Lead Inductance
Ls
Anode Terminal to Cathode Terminal
Per Element
30
nH
FEATURES
* Isolated Base
* Dual Diode Cathode Common
* Ultra Fast Recovery
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* High Frequency Rectification
OUTLINE DRAWING


Similar Part No. - PC100F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC100F5 NIEC-PC100F5 Datasheet
34Kb / 8P
FRD 100A AVG 500 VOLTS
More results

Similar Description - PC100F5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRS200BA50 ETC-FRS200BA50 Datasheet
287Kb / 2P
DIODE MODULE FRD
FRS300BA50 ETC-FRS300BA50 Datasheet
250Kb / 2P
DIODE MODULE FRD
logo
MagnaChip Semiconductor...
MPSC2N60U120 MGCHIP-MPSC2N60U120 Datasheet
628Kb / 5P
1200V FRD Module
MPSC2N100U120 MGCHIP-MPSC2N100U120 Datasheet
641Kb / 5P
1200V FRD Module
MPKB2SA75U120 MGCHIP-MPKB2SA75U120 Datasheet
618Kb / 5P
1200V FRD Module
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
400V FRD Module
MPJC2CA100U60 MGCHIP-MPJC2CA100U60 Datasheet
601Kb / 5P
600V FRD Module
MPJC2CA150U60 MGCHIP-MPJC2CA150U60 Datasheet
610Kb / 5P
600V FRD Module
MPKB2CA150U60 MGCHIP-MPKB2CA150U60 Datasheet
629Kb / 5P
600V FRD Module
MPKB2SA MGCHIP-MPKB2SA Datasheet
639Kb / 5P
400V FRD Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com