Electronic Components Datasheet Search
  English  ▼

X  

FAN73711 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAN73711
Description  High-Current, High-Side Gate Drive IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN73711 Datasheet(HTML) 4 Page - ON Semiconductor

  FAN73711 Datasheet HTML 1Page - ON Semiconductor FAN73711 Datasheet HTML 2Page - ON Semiconductor FAN73711 Datasheet HTML 3Page - ON Semiconductor FAN73711 Datasheet HTML 4Page - ON Semiconductor FAN73711 Datasheet HTML 5Page - ON Semiconductor FAN73711 Datasheet HTML 6Page - ON Semiconductor FAN73711 Datasheet HTML 7Page - ON Semiconductor FAN73711 Datasheet HTML 8Page - ON Semiconductor FAN73711 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN73711 • Rev. 1.0.1
3
Internal Block Diagram
Figure 3. Functional Block Diagram
Pin Configuration
Figure 4. Pin Configuration (Top View)
Pin Definitions
Pin #
Name
Description
1VDD
Supply Voltage
2
IN
Logic Input for High-Side Gate Driver Output
3
NC
No Connection
4
GND
Ground
5
NC
No Connection
6VS
High-Voltage Floating Supply Return
7
HO
High-Side Driver Output
8VB
High-Side Floating Supply
UVLO
VDD
GND
IN
VB
HO
VS
R
R
S
Q
6
7
8
1
4
2
NOISE
CANCELLER
Pin 3 and 5 are no connection.
FAN73711 Rev.01
110K
VDD
VS
VB
FAN73711
VDD
NC
IN
HO
NC
4
GND
3
2
1
5
6
7
8
FAN73711 Rev.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com