Electronic Components Datasheet Search
  English  ▼

X  

TLE9250 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE9250
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE9250 Datasheet HTML 3Page - Infineon Technologies AG TLE9250 Datasheet HTML 4Page - Infineon Technologies AG TLE9250 Datasheet HTML 5Page - Infineon Technologies AG TLE9250 Datasheet HTML 6Page - Infineon Technologies AG TLE9250 Datasheet HTML 7Page - Infineon Technologies AG TLE9250 Datasheet HTML 8Page - Infineon Technologies AG TLE9250 Datasheet HTML 9Page - Infineon Technologies AG TLE9250 Datasheet HTML 10Page - Infineon Technologies AG TLE9250 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
7
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
High-speed CAN functional description
The TLE9250 is a high-speed CAN transceiver, operating as an interface between the CAN controller and the
physical bus medium. A HS CAN network is a two wire, differential network which allows data transmission
rates up to 5 MBit/s. The characteristic for a HS CAN network are the two signal states on the CAN bus:
“dominant” and “recessive” (see Figure 3).
The CANH and CANL pins are the interface to the CAN bus and both pins operate as an input and output. The
RxD and TxD pins are the interface to the microcontroller. The pin TxD is the serial data input from the CAN
controller, the RxD pin is the serial data output to the CAN controller. As shown in Figure 1, the HS CAN
transceiver TLE9250 includes a receiver and a transmitter unit, allowing the transceiver to send data to the bus
medium and monitor the data from the bus medium at the same time. The HS CAN transceiver TLE9250
converts the serial data stream which is available on the transmit data input TxD, into a differential output
signal on the CAN bus, provided by the CANH and CANL pins. The receiver stage of the TLE9250 monitors the
data on the CAN bus and converts them to a serial, single-ended signal on the RxD output pin. A logical “low”
signal on the TxD pin creates a “dominant” signal on the CAN bus, followed by a logical “low” signal on the RxD
pin (see Figure 3). The feature, broadcasting data to the CAN bus and listening to the data traffic on the
CAN bus simultaneously is essential to support the bit-to-bit arbitration within CAN networks.
The voltage levels for HS CAN transceivers are defined in ISO 11898-2. Whether a data bit is “dominant” or
“recessive” depends on the voltage difference between the CANH and CANL pins:
VDiff = VCANH - VCANL.
To transmit a “dominant” signal to the CAN bus the amplitude of the differential signal VDiff is higher than or
equal to 1.5 V. To receive a “recessive” signal from the CAN bus the amplitude of the differential VDiff is lower
than or equal to 0.5 V.
“Partially-supplied” high-speed CAN networks are those where the CAN bus nodes of one common network
have different power supply conditions. Some nodes are connected to the common power supply, while other
nodes are disconnected from the power supply and in power-down state. Regardless of whether the CAN bus
subscriber is supplied or not, each subscriber connected to the common bus media must not interfere with
the communication. The TLE9250 is designed to support “partially-supplied” networks. In power-down state,
the receiver input resistors are switched off and the transceiver input has a high resistance.
For permanently supplied ECU's, the HS CAN transceiver TLE9250 provides a Power-save mode. In Power-save
mode, the power consumption of the TLE9250 is optimized to a minimum.
The voltage level on the digital input TxD and the digital output RxD is determined by the power supply level
at the VCC pin. Depending on the voltage level at the VCC pin, the signal levels on the logic pins (STB, TxD and
RxD) are compatible with microcontrollers having a 5 V I/O supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com