Electronic Components Datasheet Search
  English  ▼

X  

TLE8457BLE Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLE8457BLE
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457BLE Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLE8457BLE Datasheet HTML 23Page - Infineon Technologies AG TLE8457BLE Datasheet HTML 24Page - Infineon Technologies AG TLE8457BLE Datasheet HTML 25Page - Infineon Technologies AG TLE8457BLE Datasheet HTML 26Page - Infineon Technologies AG TLE8457BLE Datasheet HTML 27Page - Infineon Technologies AG TLE8457BLE Datasheet HTML 28Page - Infineon Technologies AG TLE8457BLE Datasheet HTML 29Page - Infineon Technologies AG TLE8457BLE Datasheet HTML 30Page - Infineon Technologies AG TLE8457BLE Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Data Sheet
27
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Electrical Characteristics
Duty cycle D4
VS supply 7.6 V to 18.0 V
(for worst case at 10.4 kBit/s)
D4 = tbus_rec(max) /2×tbit
D4
–
–
0.590
Duty cycle 48)
THRec(min) = 0.389 × VS;
THDom(min) = 0.251 × VS;
VS = 7.6 … 18 V;
tbit =96 µs;
LIN Spec 2.2A (Par. 30)
P_6.1.78
Duty cycle D4
VS supply 6.1 V to 7.6 V
(for worst case at 10.4 kBit/s)
D4 = tbus_rec(max) / 2 × tbit
D4
–
–
0.590
Duty cycle 48)
THRec(min) = 0.378 × VS;
THDom(min)= 0.242 × VS;
6.1 V < VS <7.6 V;
tbit =96 µs;
P_6.1.79
1) Load current on VCC specified positive direction out of pin.
2) Not subject to production test, specified by design.
3) Measured when the output voltage VCC has dropped 100 mV from the nominal value obtained at VS = 13.5V
4) Minimum limit specified by design.
5) Maximum limit specified by design.
6) VBUS_CNT =(Vth_dom +Vthrec)/2;.
7) VHYS =Vth_rec -Vth_dom.
8) Bus load according to LIN Spec 2.2A:
Load 1 = 1 nF / 1 kΩ = CBUS / RLIN
Load 2 = 6.8 nF / 660 Ω = CBUS / RLIN
Load 3 = 10 nF / 500 Ω = CBUS / RLIN
Table 6
Electrical Characteristics (cont’d)
5.5 V < VS <28V; RLIN = 500 Ω; -40°C < Tj < 150°C;
all voltages with respect to ground; positive current flowing into pin1); unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com