Electronic Components Datasheet Search
  English  ▼

X  

TLE9250LE Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE9250LE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250LE Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE9250LE Datasheet HTML 7Page - Infineon Technologies AG TLE9250LE Datasheet HTML 8Page - Infineon Technologies AG TLE9250LE Datasheet HTML 9Page - Infineon Technologies AG TLE9250LE Datasheet HTML 10Page - Infineon Technologies AG TLE9250LE Datasheet HTML 11Page - Infineon Technologies AG TLE9250LE Datasheet HTML 12Page - Infineon Technologies AG TLE9250LE Datasheet HTML 13Page - Infineon Technologies AG TLE9250LE Datasheet HTML 14Page - Infineon Technologies AG TLE9250LE Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
11
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Changing the mode of operation
6
Changing the mode of operation
6.1
Power-up and power-down
The HS CAN transceiver TLE9250 powers up by applying the supply voltage VCC to the device (VCC > VCC(U,R)). .
After powering up, the device enters one out of three operating modes (see Figure 5 and Figure 6).
Depending on the condition of the mode selection pin NEN and NRM the device can enter every mode of
operation after the power-up:
• The NEN input is set to “low” and NRM input is set to “high” - Normal-operating mode
• The NEN input is set to “high” - Power-save mode
• The NEN input is set to “low” and NRM input is set to “low” - Receive-only mode
The device TLE9250 powers down when the VCC supply falls below the undervoltage detection threshold
(VCC < VCC(U,F)). The power-down detection is active in every mode of operation.
Figure 5
Power-up and power-down
NEN
NRM
VCC
Power-down
state
“X”
“X”
“off”
Normal-operating
mode
NEN
NRM
VCC
0
1
“on”
Receive-only
mode
NEN
NRM
VCC
0
“0”
“on”
Power-save
mode
NEN
NRM
VCC
1
“X”
“on”
VCC “on”
NRM “0”
NEN “0”
VCC “on”
NRM “1”
NEN “0”
VCC “on”
NEN “1”
VCC “off”
VCC “off”
VCC “off”
VCC “off”
“blue” -> indicates the event triggering the
power-up or power-down
“red” -> indicates the condition which is
required to reach a certain operating mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com