Electronic Components Datasheet Search
  English  ▼

X  

TLE7268 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7268
Description  Dual LIN 2.2 / SAE J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7268 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7268 Datasheet HTML 2Page - Infineon Technologies AG TLE7268 Datasheet HTML 3Page - Infineon Technologies AG TLE7268 Datasheet HTML 4Page - Infineon Technologies AG TLE7268 Datasheet HTML 5Page - Infineon Technologies AG TLE7268 Datasheet HTML 6Page - Infineon Technologies AG TLE7268 Datasheet HTML 7Page - Infineon Technologies AG TLE7268 Datasheet HTML 8Page - Infineon Technologies AG TLE7268 Datasheet HTML 9Page - Infineon Technologies AG TLE7268 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Data Sheet
6
Rev. 1.0
2017-09-14
TLE7268
Dual LIN 2.2 / SAE J2602 Transceiver
Pin configuration
3
Pin configuration
3.1
Pin assignment
Figure 2
Pin configuration
3.2
Pin definitions and Functions
Table 1
Pin definitions and functions
Pin Symbol
Function
1RxD1
Receive data output 1;
• requires an external pull-up resistor
• monitors the LIN bus_1 signal in Normal Operation mode
• Indicates a wake-up event on BUS1 in Standby mode
2EN1
Enable input 1;
• has an integrated pull-down resistor
• set this pin to “high” to select Normal Operation mode for transceiver_1
3TxD1
Transmit data input 1;
• has an integrated pull-up current source
• set this pin to “low” to drive a dominant signal on LIN bus_1
4RxD2
Receive data output 2;
• requires an external pull-up resistor
• monitors the LIN bus_2 signal in Normal Operation mode
• Indicates a wake-up event on BUS2 in Standby mode
TLE7268_PINNING
PG-TSON-14
RxD1
EN1
TxD1
N.C.
BUS1
N.C.
INH
PG-DSO-14
RxD2
EN2
N.C.
TxD2
V
S
BUS2
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
EN1
TxD1
RxD2
EN2
N.C.
RxD1
TxD2
BUS1
N.C.
INH
V
S
BUS2
N.C.
GND
(Top side X-Ray view)
1
2
3
411
12
13
14
5
6
78
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com