Electronic Components Datasheet Search
  English  ▼

X  

ACM2012E Datasheet(PDF) 6 Page - TDK Electronics

Part # ACM2012E
Description  For high-speed differential signal line, general differential signal line
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012E Datasheet(HTML) 6 Page - TDK Electronics

  ACM2012E Datasheet HTML 1Page - TDK Electronics ACM2012E Datasheet HTML 2Page - TDK Electronics ACM2012E Datasheet HTML 3Page - TDK Electronics ACM2012E Datasheet HTML 4Page - TDK Electronics ACM2012E Datasheet HTML 5Page - TDK Electronics ACM2012E Datasheet HTML 6Page - TDK Electronics ACM2012E Datasheet HTML 7Page - TDK Electronics ACM2012E Datasheet HTML 8Page - TDK Electronics ACM2012E Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(6/9)
20171123 / cmf_commercial_signal_acm2012e_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
ACM2012E-T00 type (General differential signal line)
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
IMPEDANCE VS. FREQUENCY CHARACTERISTICS
○ Measurement equipment
* Equivalent measurement equipment may be used.
Impedance
[100MHz
]
DC resistance
[1 line]
Rated voltage
Insulation
resistance
Rated current
Part No.
(
)
(
)max.
(V)max.
(M
 )min.
(A)max.
67±25%
0.35
50
10
0.50
ACM2012E-670-2P-T00
90±25%
0.35
50
10
0.33
ACM2012E-900-2P-T00
120±25%
0.45
50
10
0.30
ACM2012E-121-2P-T00
180±25%
0.60
50
10
0.25
ACM2012E-181-2P-T00
250±25%
1.00
50
10
0.20
ACM2012E-251-2P-T00
270min. (390typ.)
0.80
50
10
0.30
ACM2012E-391-2P-T00
510min. (680typ.)
1.80
50
10
0.17
ACM2012E-681-2P-T00
750min. (1000typ.)
2.50
50
10
0.15
ACM2012E-102-2P-T00
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Keysight Technologies
DC resistance
4338A
Keysight Technologies
Insulation resistance
4339A
Keysight Technologies
Product No.
Manufacturer
4991A
Keysight Technologies
1
10
100
1000
10000
1000
100
1
10
Frequency (MHz)
10000
102 Common mode
391 Common mode
251 Common mode
181 Common mode
121 Common mode
900 Common mode
670 Common mode
681 Common mode
102 Differential mode
681 Differential mode
391 Differential mode
251 Differential mode
181 Differential mode
121 Differential mode
900 Differential mode
670 Differential mode



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com