Electronic Components Datasheet Search
  English  ▼

X  

EL7154 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL7154
Description  High Speed, Monolithic Pin Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7154 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL7154 Datasheet HTML 1Page - Renesas Technology Corp EL7154 Datasheet HTML 2Page - Renesas Technology Corp EL7154 Datasheet HTML 3Page - Renesas Technology Corp EL7154 Datasheet HTML 4Page - Renesas Technology Corp EL7154 Datasheet HTML 5Page - Renesas Technology Corp EL7154 Datasheet HTML 6Page - Renesas Technology Corp EL7154 Datasheet HTML 7Page - Renesas Technology Corp EL7154 Datasheet HTML 8Page - Renesas Technology Corp EL7154 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EL7154
FN7278 Rev 4.00
Page 2 of 9
November 23, 2015
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
PKG.
DWG. #
EL7154CNZ (No longer available,
recommended replacement:
EL7154CSZ)
EL7154CN Z
8 Ld PDIP* (Pb-free)
MDP0031
EL7154CSZ (See Note)
7154CSZ
8 Ld SOIC (Pb-free)
M8.15E
EL7154CSZ-T7** (See Note)
7154CSZ
8 Ld SOIC (Pb-free)
M8.15E
EL7154CSZ-T13** See Note)
7154CSZ
8 Ld SOIC (Pb-free)
M8.15E
*Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
**Add “-T” or “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Nominal Operating Voltage Range
PIN
MIN
MAX
VL
-3
0
VDD to VL
515
VH to VL
215
VDD to VH
-0.5
15
VDD
515



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com