Electronic Components Datasheet Search
  English  ▼

X  

PH313 Datasheet(PDF) 1 Page - NEC

Part # PH313
Description  SILICON EPITAXIAL PLANAR PIN PHOTO DIODE DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PH313 Datasheet(HTML) 1 Page - NEC

  PH313 Datasheet HTML 1Page - NEC PH313 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - PH313

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH3134-10M MA-COM-PH3134-10M Datasheet
105Kb / 3P
Radar Pulsed Power Transistor 10W, 3.1-3.4 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH3134-10M MACOM-PH3134-10M Datasheet
105Kb / 3P
Radar Pulsed Power Transistor 10W, 3.1-3.4 GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH3134-10M MA-COM-PH3134-10M_17 Datasheet
646Kb / 4P
Radar Pulsed Power Transistor
logo
Tyco Electronics
PH3134-11S MACOM-PH3134-11S Datasheet
157Kb / 2P
Radar Pulsed Power Transistor, 11 W, lms Pulse, 10% Duty 3.1 - 3.4 GHz
logo
M/A-COM Technology Solu...
PH3134-11S MA-COM-PH3134-11S Datasheet
99Kb / 2P
Radar Pulsed Power Transistor 11W, 3.1-3.4 GHz, 1關s Pulse, 10% Duty
More results

Similar Description - PH313

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
HVU133 KEXIN-HVU133 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
HVC133 KEXIN-HVC133 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
HVC134 KEXIN-HVC134 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
HVD142 KEXIN-HVD142 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
HVU132 KEXIN-HVU132 Datasheet
31Kb / 1P
Silicon Epitaxial Planar Pin Diode
logo
Shenzhen Taychipst Elec...
1SV121 TAYCHIPST-1SV121 Datasheet
5Mb / 2P
SILICON EPITAXIAL PLANAR PIN DIODE
logo
SEMTECH ELECTRONICS LTD...
1PS3C02CCW SEMTECH_ELEC-1PS3C02CCW Datasheet
494Kb / 2P
Silicon Epitaxial Planar PIN Diode
1PS14SE SEMTECH_ELEC-1PS14SE Datasheet
283Kb / 2P
Silicon Epitaxial Planar PIN Diode
1PS250 SEMTECH_ELEC-1PS250 Datasheet
303Kb / 2P
Silicon Epitaxial Planar PIN Diode
1PS251SE SEMTECH_ELEC-1PS251SE Datasheet
273Kb / 2P
Silicon Epitaxial Planar PIN Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com