Electronic Components Datasheet Search
  English  ▼

X  

EL7564 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL7564
Description  Monolithic 4 Amp DC/DC Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7564 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL7564 Datasheet HTML 1Page - Renesas Technology Corp EL7564 Datasheet HTML 2Page - Renesas Technology Corp EL7564 Datasheet HTML 3Page - Renesas Technology Corp EL7564 Datasheet HTML 4Page - Renesas Technology Corp EL7564 Datasheet HTML 5Page - Renesas Technology Corp EL7564 Datasheet HTML 6Page - Renesas Technology Corp EL7564 Datasheet HTML 7Page - Renesas Technology Corp EL7564 Datasheet HTML 8Page - Renesas Technology Corp EL7564 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
EL7564
FN7297 Rev 3.00
Page 2 of 17
May 9, 2005
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL
PKG. DWG. #
EL7564CM
20-Pin SO (0.300”)
-
MDP0027
EL7564CM-T13
20-Pin SO (0.300”)
13”
MDP0027
EL7564CMZ
(See Note)
20-Pin SO (0.300”)
(Pb-free)
-
MDP0027
EL7564CMZ-T13
(See Note)
20-Pin SO (0.300”)
(Pb-free)
13”
MDP0027
EL7564CRE
28-Pin HTSSOP
-
MDP0048
EL7564CRE-T7
28-Pin HTSSOP
7”
MDP0048
EL7564CRE-T13
28-Pin HTSSOP
13”
MDP0048
EL7564CREZ
(See Note)
28-Pin HTSSOP
(Pb-free)
-
MDP0048
EL7564CREZ-T7
(See Note)
28-Pin HTSSOP
(Pb-free)
7”
MDP0048
EL7564CREZ-T13 (See Note)
28-Pin HTSSOP
(Pb-free)
13”
MDP0048
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com