Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3202 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3202
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3202 Datasheet(HTML) 7 Page - Texas Instruments

Back Button HD3SS3202 Datasheet HTML 3Page - Texas Instruments HD3SS3202 Datasheet HTML 4Page - Texas Instruments HD3SS3202 Datasheet HTML 5Page - Texas Instruments HD3SS3202 Datasheet HTML 6Page - Texas Instruments HD3SS3202 Datasheet HTML 7Page - Texas Instruments HD3SS3202 Datasheet HTML 8Page - Texas Instruments HD3SS3202 Datasheet HTML 9Page - Texas Instruments HD3SS3202 Datasheet HTML 10Page - Texas Instruments HD3SS3202 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
50%
SEL
50%
10%
90%
tSW_ON
tSW_OFF
VOUT
VCC
SEL
Axp
Axn
Bxp/Cxp
Bxn/Cxn
RSC = 50
Ÿ
RSC = 50
Ÿ
RL = 50
Ÿ
RL = 50
Ÿ
7
HD3SS3202
www.ti.com
SLASEO1 – MAY 2018
Product Folder Links: HD3SS3202
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 2. Test Setup
Figure 3. Switch On and Off Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com