Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3202RSVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3202RSVT
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3202RSVT Datasheet(HTML) 4 Page - Texas Instruments

  HD3SS3202RSVT Datasheet HTML 1Page - Texas Instruments HD3SS3202RSVT Datasheet HTML 2Page - Texas Instruments HD3SS3202RSVT Datasheet HTML 3Page - Texas Instruments HD3SS3202RSVT Datasheet HTML 4Page - Texas Instruments HD3SS3202RSVT Datasheet HTML 5Page - Texas Instruments HD3SS3202RSVT Datasheet HTML 6Page - Texas Instruments HD3SS3202RSVT Datasheet HTML 7Page - Texas Instruments HD3SS3202RSVT Datasheet HTML 8Page - Texas Instruments HD3SS3202RSVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
HD3SS3202
SLASEO1 – MAY 2018
www.ti.com
Product Folder Links: HD3SS3202
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Theseare stress ratings
only, which do not imply functional operation of the device at these or anyother conditions beyond those indicated under Recommended
OperatingConditions. Exposure to absolute-maximum-rated conditions for extended periods mayaffect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4
V
Voltage
Differential I/O
–0.5
2.5
V
Control pins
–0.5
VCC+ 0.5
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safemanufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safemanufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
Vih
Input high voltage (SEL, OEn pins)
2
VCC
V
Vil
Input low voltage (SEL, OEn pins)
–0.1
0.8
V
Vdiff
High-speed signal pins differential voltage
0
1.8
Vpp
Vcm
High speed signal pins common mode voltage
0
2
V
TA
Operating free-air/ambient temperature
HD3SS3202RSV
0
70
°C
HD3SS3202IRSV
–40
85
(1)
For more information about traditional and new thermalmetrics, see the Semiconductor and IC Package ThermalMetrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
HD3SS3202
UNIT
RSV (VQFN)
16 PINS
RθJA
Junction-to-ambient thermal resistance
117.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.1
°C/W
RθJB
Junction-to-board thermal resistance
52.6
°C/W
ψJT
Junction-to-top characterization parameter
1.2
°C/W
ψJB
Junction-to-board characterization parameter
51.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com