Electronic Components Datasheet Search
  English  ▼

X  

LUW-W5SM Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LUW-W5SM
Description  white SMD package, colorless clear silicone resin; chip level conversion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-W5SM Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LUW-W5SM Datasheet HTML 2Page - OSRAM GmbH LUW-W5SM Datasheet HTML 3Page - OSRAM GmbH LUW-W5SM Datasheet HTML 4Page - OSRAM GmbH LUW-W5SM Datasheet HTML 5Page - OSRAM GmbH LUW-W5SM Datasheet HTML 6Page - OSRAM GmbH LUW-W5SM Datasheet HTML 7Page - OSRAM GmbH LUW-W5SM Datasheet HTML 8Page - OSRAM GmbH LUW-W5SM Datasheet HTML 9Page - OSRAM GmbH LUW-W5SM Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
2010-08-16
6
LUW W5SM
Farbortgruppen
3) Seite 21
Chromaticity coordinate groups
3) page 21
Farbtemperatur
color temperature
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4C
0.308
0.305
5F
0.322
0.324
0.307
0.311
0.322
0.332
0.312
0.316
0.329
0.338
0.313
0.310
0.329
0.331
5C
0.307
0.311
6F
0.322
0.332
0.306
0.318
0.321
0.339
0.311
0.323
0.329
0.346
0.312
0.316
0.329
0.338
6C
0.306
0.318
7F
0.321
0.339
0.304
0.324
0.321
0.346
0.310
0.330
0.329
0.354
0.311
0.323
0.329
0.346
7C
0.304
0.324
8F
0.321
0.346
0.303
0.330
0.320
0.354
0.309
0.336
0.329
0.362
0.310
0.330
0.329
0.354
8C
0.303
0.330
5G
0.329
0.331
0.302
0.337
0.329
0.338
0.308
0.343
0.337
0.345
0.309
0.336
0.337
0.337
OHA03633
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cx
E
0.30
480
460
470
0.31
0.32
0.33
0.34
0.35
0.36
0.37
Cy
+
4C
5C
6C
7C
8C
4D
5D
6D
7D
8D
4E
5E
6E
7E
8E
8F
7F
6F
5F
5G
6G
7G
8G
5700 K
6500 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com