Electronic Components Datasheet Search
  English  ▼

X  

LW-541C Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LW-541C
Description  colorless, clear 5 mm (T1쩐) package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-541C Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LW-541C Datasheet HTML 5Page - OSRAM GmbH LW-541C Datasheet HTML 6Page - OSRAM GmbH LW-541C Datasheet HTML 7Page - OSRAM GmbH LW-541C Datasheet HTML 8Page - OSRAM GmbH LW-541C Datasheet HTML 9Page - OSRAM GmbH LW-541C Datasheet HTML 10Page - OSRAM GmbH LW-541C Datasheet HTML 11Page - OSRAM GmbH LW-541C Datasheet HTML 12Page - OSRAM GmbH LW-541C Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LW 541C
2008-07-07
9
Durchlassstrom
2) Seite 14
Forward Current
2) page 14
I
F = f (VF); TA = 25 °C
Farbortverschiebung
2) Seite 14
Chromaticity Coordinate Shift
2) page 14
x, y =
f (I
F); TA = 25 °C
Relative Lichtstärke
2) 8) Seite 14
Relative Luminous Intensity
2) 8) page 14
I
V/IV(20 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 14
Relative Luminous Intensity
2) page 14
I
V/IV(25 °C) = f (Tj); IF = 20 mA
OHL11462
2.0
IF
VF
2.5 3.0 3.5 4.0 4.5 5.0
V 6.0
5
10
-1
10
0
10
5
1
mA
10
5
2
40
OHL00655
0.304
010
20
30
x, y
50
mA
0.306
0.308
0.310
0.312
0.314
0.316
0.318
0.324
x
y
F
I
OHL01518
10
10 0
-2
5
-1
10
510 1
5
10
0
V (20 mA)
I
I
V
10
1
mA
I
F
10 2
OHL02870
-60
0
T
˚C
V (25 ˚C)
I
IV
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com