Electronic Components Datasheet Search
  English  ▼

X  

MPQ4488 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPQ4488
Description  Smart, Dual USB Charging Port Power Converter with Programmable Frequency for Automotive, AEC-Q100 Qualified
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4488 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MPQ4488 Datasheet HTML 1Page - Monolithic Power Systems MPQ4488 Datasheet HTML 2Page - Monolithic Power Systems MPQ4488 Datasheet HTML 3Page - Monolithic Power Systems MPQ4488 Datasheet HTML 4Page - Monolithic Power Systems MPQ4488 Datasheet HTML 5Page - Monolithic Power Systems MPQ4488 Datasheet HTML 6Page - Monolithic Power Systems MPQ4488 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MPS
CONFIDENTIAL
DO
NO
T DISTRIB
UTE
EVQ4488-U-00A, Smart, Dual USB Charging Port Power Converter
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EVQ4488-U-00A Rev. 1.0
www.MonolithicPower.com
7
10/9/2016
MPS Proprietary Information. . Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load to the USB1, USB2 and GND pins,
respectively.
2. Preset the power supply output between 6V and 36V, and then turn off the power supply.
3. Connect the positive and negative terminals of the power supply output to the VIN and GND
pins, respectively.
4. Turn the power supply on, the board will automatically start up. But if no type-C device is
attached, there is no Vbus output.
5. For USB Type-C 5V/3A DFP mode, if no type-C device is attached, short pin1 and pin 3 of CN1
with a jumper to enable USB1 output, short pin 11 and pin 13 of CN1 with a jumper to enable
USB2 output; short pin 2 and pin 4 of CN1 with a jumper to enable VCONN1 output, short pin
12 and pin 14 of CN1 with a jumper to enable VCONN2 output.
If type-C device is attached, all CN1 pins should be float.
6. For USB Type-A 5V/2.4A mode, change R3 =80.6kΩ and connect pin1 and pin 3 of CN1 with a
jumper to enable USB1 output, change R5 =80.6kΩ and connect pin 11 and pin 13 of CN1 with
a jumper to enable USB2 output. Keep R4, R6 float.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com