Electronic Components Datasheet Search
  English  ▼

X  

MP2636GR Datasheet(PDF) 36 Page - Monolithic Power Systems

Part # MP2636GR
Description  3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2636GR Datasheet(HTML) 36 Page - Monolithic Power Systems

Back Button MP2636GR Datasheet HTML 32Page - Monolithic Power Systems MP2636GR Datasheet HTML 33Page - Monolithic Power Systems MP2636GR Datasheet HTML 34Page - Monolithic Power Systems MP2636GR Datasheet HTML 35Page - Monolithic Power Systems MP2636GR Datasheet HTML 36Page - Monolithic Power Systems MP2636GR Datasheet HTML 37Page - Monolithic Power Systems MP2636GR Datasheet HTML 38Page - Monolithic Power Systems MP2636GR Datasheet HTML 39Page - Monolithic Power Systems MP2636GR Datasheet HTML 40Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
MP2636 –3.0A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 3.0A BOOST
MP2636 Rev.1.01
www.MonolithicPower.com
36
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Charge Current in Charge Mode
In charge mode, both the external sense resistor,
RS1, and the resistor RISET connect to the ISET
pin to set the charge current (ICHG) of the MP2636
(see the Typical Application circuit).
Given expected ICHG and RS1, RISET can be
calculated as:
ISET
CHG
2400
R
(k )
I
(A) RS1(m )


(11)
For example, for ICHG=2.5A, and RS1=20mΩ,
RISET = 48kΩ.
Given a 20m
Ω RS1, the expected RISET for typical
charge current listed as below:
RISET (kΩ)
Charge Current (A)
120
1.0
80
1.5
60
2.0
48
2.5
40
3.0
Setting the Input Current Limiting in Charge
Mode
In charge mode, connect a resistor from the ILIM
pin to AGND to program the input current limit.
The relationship between the input current limit
and setting resistor is as following:
ILIM
IN _ LIM
43.3
R
(k )
I
(A) 0.05

(12)
For
most
applications,
use
RILIM
= 51
kΩ
(IUSB_LIM=900mA) for USB3.0 mode, and use RILIM
= 86.6
kΩ (IUSB_LIM=500mA) for USB2.0 mode.
Setting the Input Voltage Range for Different
Operation Modes
A resistive voltage divider from the input to PWIN
pin determines the operating mode of MP2636.
PWIN
IN
RL
V
V
(V)
RH RL

(13)
If the voltage on PWIN is higher than 0.8V, the
MP2636 works in the charge mode. While the
voltage is lower than 0.8V, the MP2636 will work
in boost mode or sleep mode depending on the
MODE status. (see Table 1).
Setting
the
Input
Voltage
Regulation
in
Charge Mode
In charge mode, connect a resistor divider from
the IN pin to AGND with tapped to REG pin to
program the input voltage regulation.
IN _ R
REG
R3 R4
V
V
(V)
R4

(14)
With the given R4, R3 is:
IN _ R
REG
REG
VV
R3
R4(V)
V

(15)
For a preset input voltage regulation value, say
4.75V, start with R4
=5.1kΩ, R3 is 15kΩ.
NTC Function in Charge Mode
Figure 14 shows that an internal resistor divider
sets the low temperature threshold (VTL) and high
temperature threshold (VTH) at 66.6%·VSYS and
35%·VSYS,
respectively.
For
a
given
NTC
thermistor, select an appropriate RT1 and RT2 to
set the NTC window.
T2
NTC_Cold
TL
SYS
T1
T2
NTC_Cold
R //R
V
TL
66.6%
V
R
R //R
(16)
T2
NTC_Hot
TH
SYS
T1
T2
NTC_Hot
R //R
V
TH 35%
V
R
R //R
(17)
Where RNTC_Hot is the value of the NTC resistor at
the upper bound of its operating temperature
range, and RNTC_Cold is its lower bound.
The two resistors, RT1 and RT2, independently
determine the upper and lower temperature limits.
This flexibility allows the MP2636 to operate with
most NTC resistors for different temperature
range requirements. Calculate RT1 and RT2 as
follows:
NTC_Hot
NTC _ Cold
T1
NTC _ Cold
NTC_Hot
R
R
(TL TH)
R
TH TL (R
R
)
(18)
NTC_Hot
NTC _ Cold
T2
NTC _ Cold
NTC_Hot
R
R
(TL TH)
R
TH (1 TL) R
TL (1 TH) R
 
 
(19)
For example, the NCP18XH103 thermistor has
the following electrical characteristic:
At 0°C, RNTC_Cold = 27.445kΩ;
At 50°C, RNTC_Hot = 4.16kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com