Electronic Components Datasheet Search
  English  ▼

X  

PHD16N03LT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PHD16N03LT
Description  N-channel TrenchMOS??logic level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHD16N03LT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PHD16N03LT Datasheet HTML 4Page - NXP Semiconductors PHD16N03LT Datasheet HTML 5Page - NXP Semiconductors PHD16N03LT Datasheet HTML 6Page - NXP Semiconductors PHD16N03LT Datasheet HTML 7Page - NXP Semiconductors PHD16N03LT Datasheet HTML 8Page - NXP Semiconductors PHD16N03LT Datasheet HTML 9Page - NXP Semiconductors PHD16N03LT Datasheet HTML 10Page - NXP Semiconductors PHD16N03LT Datasheet HTML 11Page - NXP Semiconductors PHD16N03LT Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
PHD16N03LT
N-channel TrenchMOS™ logic level FET
Product data
Rev. 01 — 08 March 2004
9 of 12
9397 750 12382
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.
Package outline
Fig 14. SOT428 (D-PAK).
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT428
TO-252
SC-63
99-09-13
01-12-11
0
10
20 mm
scale
Plastic single-ended surface mounted package (Philips version of D-PAK); 3 leads
(one lead cropped)
SOT428
E
b2
E1
wA
M
bc
b1
L1
L
13
2
D
D1
HE
L2
Note
1. Measured from heatsink back to lead.
e1
e
A
A2
A
A1
y
seating plane
mounting
base
A1
(1)
D
b
E1
EHE
w
y
max.
A2
b2
b1
c
D1
min.
ee1
L1
min.
L2
L
A
UNIT
DIMENSIONS (mm are the original dimensions)
0.2
0.2
mm
2.38
2.22
0.65
0.45
0.93
0.73
0.89
0.71
1.1
0.9
5.46
5.26
0.4
0.2
6.22
5.98
4.81
4.45
2.285
4.57
10.4
9.6
0.5
0.9
0.5
6.73
6.47
4.0
2.95
2.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com