Electronic Components Datasheet Search
  English  ▼

X  

MP6500 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6500
Description  35V, 2.5A, Stepper Motor Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6500 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6500 Datasheet HTML 1Page - Monolithic Power Systems MP6500 Datasheet HTML 2Page - Monolithic Power Systems MP6500 Datasheet HTML 3Page - Monolithic Power Systems MP6500 Datasheet HTML 4Page - Monolithic Power Systems MP6500 Datasheet HTML 5Page - Monolithic Power Systems MP6500 Datasheet HTML 6Page - Monolithic Power Systems MP6500 Datasheet HTML 7Page - Monolithic Power Systems MP6500 Datasheet HTML 8Page - Monolithic Power Systems MP6500 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP6500
35V, 2.5A, Stepper Motor Driver
MP6500 Rev. 1.01
www.MonolithicPower.com
1
12/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP6500 is a stepper motor driver with a
built-in
translator
and
current
regulation.
Current sensing is internal and requires no
external sense resistors. High integration and a
small package size make the MP6500 a space-
saving and cost-effective solution for bipolar
stepper motor drives.
The MP6500 operates from a supply voltage of
up to 35V and can deliver motor currents up to
2.5A (depending on PCB design and thermal
conditions). The MP6500 can operate a bipolar
stepper motor in full-, half-, quarter-, or eighth-
step modes. Internal safety features include
over-current
protection
(OCP),
input
over-
voltage protection (OVP), under-voltage lockout
(UVLO), and thermal shutdown.
The
MP6500
is
available
in
QFN-24
(5mmx5mm) and TSSOP-28 EP packages.
FEATURES
 Wide 4.5V to 35V Input Voltage Range
 Two Internal Full-Bridge Drivers
 Internal Current Sensing and Regulation
 Low On Resistance (HS: 195mΩ, LS:
170m
Ω)
 No Control Power Supply Required
 Simple Logic Interface
 3.3V and 5V Compatible Logic Supply
 Step Modes from Full-Step to Eighth-Step
 2.5A Output Current
 Automatic Current Decay
 Over-Current Protection (OCP)
 Input Over-Voltage Protection (OVP)
 Thermal Shutdown and Under-Voltage
Lockout (UVLO) Protection
 Fault Indication Output
 Available in QFN-24 (5mmx5mm) and
Thermally Enhanced TSSOP-28 Packages
APPLICATIONS
 Bipolar Stepper Motors
 Printers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Step
Motor
CPA
CPB
VCP
VIN
AOUT1
AOUT2
BOUT1
BOUT2
ROSC
ISET
STEP
DIR
nENBL
MS1
MS2
nSLEEP
nFAULT
µC
VIN
MP6500
VG
220
nF
1µF
100nF
GND


Similar Part No. - MP6500

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6500GU MPS-MP6500GU Datasheet
402Kb / 5P
2.5A, 35V, Bipolar Stepper Motor Driver Evaluation Board
7/16/2020 Rev. 1.1
More results

Similar Description - MP6500

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
logo
Monolithic Power System...
EV6501AGF-00B MPS-EV6501AGF-00B Datasheet
504Kb / 10P
2.5A, 35V Bipolar Stepper Motor Driver Evaluation Kit
MP6501A MPS-MP6501A Datasheet
2Mb / 17P
8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
MP6518 MPS-MP6518 Datasheet
1Mb / 16P
35V, 1.5A Stepper Motor Driver with Integrated MOSFETs
MP6600 MPS-MP6600 Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
MP6601 MPS-MP6601 Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com