Electronic Components Datasheet Search
  English  ▼

X  

MP6500GU Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6500GU
Description  35V, 2.5A, Stepper Motor Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6500GU Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6500GU Datasheet HTML 5Page - Monolithic Power Systems MP6500GU Datasheet HTML 6Page - Monolithic Power Systems MP6500GU Datasheet HTML 7Page - Monolithic Power Systems MP6500GU Datasheet HTML 8Page - Monolithic Power Systems MP6500GU Datasheet HTML 9Page - Monolithic Power Systems MP6500GU Datasheet HTML 10Page - Monolithic Power Systems MP6500GU Datasheet HTML 11Page - Monolithic Power Systems MP6500GU Datasheet HTML 12Page - Monolithic Power Systems MP6500GU Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MP6500
– 35V, 2.5A, STEP MOTOR DRIVER W/ INTERNAL CURRENT SENSE
MP6500 Rev. 1.01
www.MonolithicPower.com
9
12/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 24V, IOUT = 2.5A, FSTEP = 1kHz, TA = 25°C, resistor + inductor load: R = 3.3Ω, L =
1.5mH/channel, unless otherwise noted.
Power Ramp-Up, Quarter Step
Power Ramp-Up, Eighth Step
CH1: VIN
20V/div.
CH2: AOUT1
20V/div.
CH3: AOUT2
20V/div.
CH4: IOUTA
2A/div
CH1: VIN
20V/div.
CH2: AOUT1
20V/div.
CH3: AOUT2
20V/div.
CH4: IOUTA
2A/div
4ms/div.
10ms/div.
Enable, Full Step
IOUT = 2A
Enable, Half Step
CH1: nENBL
5V/div.
CH2: AOUT1
20V/div.
CH3: AOUT2
20V/div.
CH4: IOUTA
2A/div
CH1: nENBL
5V/div.
CH2: AOUT1
20V/div.
CH3: AOUT2
20V/div.
CH4: IOUTA
2A/div
1ms/div.
1ms/div.
Enable, Quarter Step
Enable, Eighth Step
CH1: nENBL
5V/div.
CH2: AOUT1
20V/div.
CH3: AOUT2
20V/div.
CH4: IOUTA
2A/div
CH1: nENBL
5V/div.
CH2: AOUT1
20V/div.
CH3: AOUT2
20V/div.
CH4: IOUTA
2A/div
1ms/div.
1ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com