Electronic Components Datasheet Search
  English  ▼

X  

HIP2122 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HIP2122
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2122 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HIP2122 Datasheet HTML 3Page - Renesas Technology Corp HIP2122 Datasheet HTML 4Page - Renesas Technology Corp HIP2122 Datasheet HTML 5Page - Renesas Technology Corp HIP2122 Datasheet HTML 6Page - Renesas Technology Corp HIP2122 Datasheet HTML 7Page - Renesas Technology Corp HIP2122 Datasheet HTML 8Page - Renesas Technology Corp HIP2122 Datasheet HTML 9Page - Renesas Technology Corp HIP2122 Datasheet HTML 10Page - Renesas Technology Corp HIP2122 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HIP2122, HIP2123
FN7670 Rev 0.00
Page 7 of 16
December 23, 2011
Timing Diagram
Switching Specifications VDD = VHB = 12V, VSS = VHS = 0V, RDT = 0k, No Load on LO or HO, Unless Otherwise Specified.
PARAMETERS
(see “Timing Diagram”)
SYMBOL
TEST
CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNITS
MIN
TYPE
MAX
MIN
(Note 9)
MAX
(Note 9)
HO Turn-Off Propagation Delay
HI Falling to HO Falling
tPLHO
-32
50
-
60
ns
LO Turn-Off Propagation Delay
LO Falling to LO Falling
tPLLO
-32
50
-
60
ns
Minimum Dead-Time Delay (see Note 10)
HO Falling to LO Rising
tDTHLmin
RDT = 80k,
HI 1 to 0, LI 0 to 1
15
35
50
10
60
ns
Minimum Dead-Time Delay (see Note 10)
LO Falling to HO Rising
tDTLHmin
RDT = 80k
Li 1 to 0, HI 0 to 1
15
25
50
10
60
ns
Maximum Dead-Rising Delay (see Note 10)
HO Falling to LO rising
tDTHLmax
RDT = 8k,
HI 1 to 0, LI 0 to 1
150
220
300
-
-
ns
Maximum Dead-Time Delay (see Note 10)
LO Falling to HO Rising
tDTLHmax
RDT = 8k,
Li 1 to 0, HI 0 to 1
150
220
300
-
-
ns
Either Output Rise/Fall Time
(10% to 90%/90% to 10%)
tRC,tFC
CL = 1nF
-
10
-
-
-
ns
Either Output Rise/Fall Time
(3V to 9V/9V to 3V)
tR,tF
CL = 0.1mF
-
0.5
0.6
-
0.8
µs
Bootstrap Diode Turn-On or Turn-Off Time
tBS
-10-
-
-
ns
NOTES:
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits are established by
characterization and are not production tested.
10. Dead-Time is defined as the period of time between the LO falling and HO rising or between HO falling and LO rising when the LI and HI inputs
transition simultaneously.
HI
HO
LO
EN
tPH
tR
90%
10%
tF
90%
LI
10%
tPL
tDT
tDT
tR AND tF FOR LO ARE NOT
SHOWN FOR CLARITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com