Electronic Components Datasheet Search
  English  ▼

X  

PI74ALVC162835 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74ALVC162835
Description  18-Bit Universal Bus Driver with 3-State Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVC162835 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74ALVC162835 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVC162835 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVC162835 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVC162835 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVC162835 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8474
04/25/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74ALVC162835FD
18-Bit Universal Bus Driver with 3-State Outputs
Storage Temperature ......................................................... –65°C to +150°C
Ambient Temperature with Power Applied ....................... –40°C to +85°C
Input Voltage Range, VIN ................................................. –0.5V to VCC +0.5V
Output Voltage Range, VOUT .......................................... –0.5V to VCC +0.5V
DC Input Voltage ................................................................ –0.5V to +5.0V
DC Output Current............................................................................ 100mA
Power Dissipation ................................................................................ 1.0W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
1. Unused control inputs must be held HIGH or LOW to prevent them from floating.
Recommended Operating Conditions(1)
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
V C
C
e
g
a
tl
o
V
y
l
p
p
u
S3
.
26
.
3
V
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
I
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
1
V C
C
V
6
.
3
o
t
V
7
.
2
=0
.
2
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
I
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
0
V C
C
V
6
.
3
o
t
V
7
.
2
=8
.
0
V N
I
e
g
a
tl
o
V
t
u
p
n
I0
V C
C
V T
U
O
e
g
a
tl
o
V
t
u
p
t
u
O0
V C
C
I H
O
t
n
e
rr
u
C
t
u
p
t
u
O
l
e
v
el
-
h
g
i
H
V C
C
V
3
.
2
=6
–
A
m
V C
C
V
7
.
2
=8
–
V C
C
V
0
.
3
=2
1
–
I L
O
t
n
e
rr
u
C
t
u
p
t
u
O
l
e
v
el
-
w
o
L
V C
C
V
3
.
2
=6
V C
C
V
7
.
2
=8
V C
C
V
0
.
3
=2
1
TA
e
r
u
t
a
r
e
p
m
e
T
ri
A
-
e
e
r
F
g
n
it
a
r
e
p
O0
4
–5
8C
°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com