Electronic Components Datasheet Search
  English  ▼

X  

HIP4082 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP4082
Description  80V, 1.25A Peak Current H-Bridge FET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4082 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP4082 Datasheet HTML 1Page - Renesas Technology Corp HIP4082 Datasheet HTML 2Page - Renesas Technology Corp HIP4082 Datasheet HTML 3Page - Renesas Technology Corp HIP4082 Datasheet HTML 4Page - Renesas Technology Corp HIP4082 Datasheet HTML 5Page - Renesas Technology Corp HIP4082 Datasheet HTML 6Page - Renesas Technology Corp HIP4082 Datasheet HTML 7Page - Renesas Technology Corp HIP4082 Datasheet HTML 8Page - Renesas Technology Corp HIP4082 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
HIP4082
FN3676 Rev 5.00
Page 5 of 14
September 30, 2015
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 16V
Logic I/O Voltages . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on AHS, BHS . . . . . -6V (Transient) to 80V (25°C to 150°C)
Voltage on AHS, BHS . . . . . -6V (Transient) to 70V (-55°C to150°C)
Voltage on AHB, BHB . . . . . . . . VAHS, BHS -0.3V to VAHS, BHS +VDD
Voltage on ALO, BLO. . . . . . . . . . . . . . . . . . VSS -0.3V to VDD +0.3V
Voltage on AHO, BHO . . . VAHS, BHS -0.3V to VAHB, BHB +0.3V Input
Current, DEL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5mA to 0mA
Phase Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns
NOTE: All voltages are relative VSS unless otherwise specified.
Thermal Resistance
JA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
115
DIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Maximum Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . See Curve
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Max. Junction Temperature. . . . . . . . . . . . . . . . . . +150°C
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300°C
(For SOIC - Lead Tips Only))
Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . +8.5V to +15V
Voltage on VSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +1.0V
Voltage on AHB, BHB . . . . . . . .VAHS, BHS +7.5V to VAHS, BHS +VDD
Input Current, DEL . . . . . . . . . . . . . . . . . . . . . . . . . -4mA to -100
A
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VDD = VAHB = VBHB = 12V, VSS = VAHS = VBHS = 0V, RDEL = 100K
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -55°C
TO +150°C
UNITS
MIN
TYP MAX MIN
MAX
SUPPLY CURRENTS & UNDER VOLTAGE PROTECTION
VDD Quiescent Current
IDD
All inputs = 0V, RDEL = 100K
1.2
2.3
3.5
0.85
4
mA
All inputs = 0V, RDEL = 10K
2.2
4.0
5.5
1.9
6.0
mA
VDD Operating Current
IDDO
f = 50kHz, no load
1.5
2.6
4.0
1.1
4.2
mA
50kHz, no load, RDEL = 10k
2.5
4.0
6.4
2.1
6.6
mA
AHB, BHB Off Quiescent Current
IAHBL, IBHBL AHI = BHI = 0V
0.5
1.0
1.5
0.4
1.6
mA
AHB, BHB On Quiescent Current
IAHBH, IBHBH AHI = BHI = VDD
65
145
240
40
250
A
AHB, BHB Operating Current
IAHBO, IBHBO f = 50kHz, CL = 1000pF
.65
1.1
1.8
.45
2.0
mA
AHS, BHS Leakage Current
IHLK
VAHS = VBHS = 80V
VAHB = VBHB = 96
VDD = Not Connected
--
1.0
-
-
A
VDD Rising Undervoltage Threshold
VDDUV+
6.8
7.6
8.25
6.5
8.5
V
VDD Falling Undervoltage Threshold
VDDUV-
6.5
7.1
7.8
6.25
8.1
V
Undervoltage Hysteresis
UVHYS
0.17
0.4
0.75
0.15
0.90
V
AHB, BHB Undervoltage Threshold
VHBUV
Referenced to AHS & BHS
5
6.0
74.5
7.5
V
INPUT PINS: ALI, BLI, AHI, BHI, & DIS
Low Level Input Voltage
VIL
Full Operating Conditions
-
-
1.0
-
0.8
V
High Level Input Voltage
VIH
Full Operating Conditions
2.5
-
-
2.7
V
Input Voltage Hysteresis
-35-
-
-
mV
Low Level Input Current
IIL
VIN = 0V, Full Operating Conditions
-145
-100
-60
-150
-50
A
High Level Input Current
IIH
VIN = 5V, Full Operating Conditions
-1
-
+1
-10
+10
A
TURN-ON DELAY PIN DEL
Dead Time
TDEAD
RDEL = 100K
2.5
4.5
8.0
2.0
8.5
s
RDEL = 10K
0.27
0.5
0.75
0.2
0.85
s
HIP4082



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com