Electronic Components Datasheet Search
  English  ▼

X  

HIP4082IB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIP4082IB
Description  80V, 1.25A Peak Current H-Bridge FET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4082IB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIP4082IB Datasheet HTML 6Page - Renesas Technology Corp HIP4082IB Datasheet HTML 7Page - Renesas Technology Corp HIP4082IB Datasheet HTML 8Page - Renesas Technology Corp HIP4082IB Datasheet HTML 9Page - Renesas Technology Corp HIP4082IB Datasheet HTML 10Page - Renesas Technology Corp HIP4082IB Datasheet HTML 11Page - Renesas Technology Corp HIP4082IB Datasheet HTML 12Page - Renesas Technology Corp HIP4082IB Datasheet HTML 13Page - Renesas Technology Corp HIP4082IB Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
HIP4082
FN3676 Rev 5.00
Page 11 of 14
September 30, 2015
HIP4082
FIGURE 16. DEAD-TIME vs DEL RESISTANCE AND BIAS
SUPPLY (VDD) VOLTAGE
FIGURE 17. MAXIMUM OPERATING PEAK AHS/BHS
VOLTAGE vs TEMPERATURE
Performance Curves (Continued)
0
10
20
30
40
50
60
70
80
90 100
100
1000
104
DEAD TIME RESISTANCE (k
)
VDD = 12V
VDD = 9V
VDD = 15V
100
50
0
50
100
150
70
75
80
85
90
TEMPERATURE (°C)
HIP4082



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com