Electronic Components Datasheet Search
  English  ▼

X  

6042018 Datasheet(PDF) 4 Page - SICK AG

Part # 6042018
Description  INDUCTIVE PROXIMITY SENSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6042018 Datasheet(HTML) 4 Page - SICK AG

  6042018 Datasheet HTML 1Page - SICK AG 6042018 Datasheet HTML 2Page - SICK AG 6042018 Datasheet HTML 3Page - SICK AG 6042018 Datasheet HTML 4Page - SICK AG 6042018 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IQ04-1B5POKW2S | IQM
INDUCTIVE PROXIMITY SENSORS
Installation note
A
A
C
B
D
E
F
Connection diagram
cd-003
BN
BK
BU
+ (L+)
NC
- (M)
Dimensional drawing (Dimensions in mm (inch))
IQ04
8
(0.31)
Ø 2.4
(0.09)
Ø 0.9 (
0.04)
1
2
3
4 (0.16)
4.7 (0.19)
4
90°
①  Function indicator (red)
②  Fixing hole
③  Sensing face
④  Connection
4
PROXIMITY SENSORS | SICK
Online data sheet | 2018-03-22 15:47:22
Subject to change without notice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com