Electronic Components Datasheet Search
  English  ▼

X  

6505 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # 6505
Description  Flexible, Easy-to-Use Entry-Level SAN Switch for Private Cloud Storage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

6505 Datasheet(HTML) 2 Page - Broadcom Corporation.

  6505 Datasheet HTML 1Page - Broadcom Corporation. 6505 Datasheet HTML 2Page - Broadcom Corporation. 6505 Datasheet HTML 3Page - Broadcom Corporation. 6505 Datasheet HTML 4Page - Broadcom Corporation. 6505 Datasheet HTML 5Page - Broadcom Corporation. 6505 Datasheet HTML 6Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
administration, 1U footprint, and low-
energy consumption—0.22 watts
per Gbps and 3.3 watts per port.
Enterprise-class capabilities combined
with a low TCO yield 40 percent higher
performance compared to 10 Gigabit
Ethernet (GbE) alternatives at a similar
cost.
GEN 5 FIBRE CHANNEL
Gen 5 Fibre Channel is the purpose-built,
data center-proven network infrastructure
for storage, delivering unmatched reliability,
simplicity, and 16 Gbps performance. The
Brocade 6505 with Gen 5 Fibre Channel
and Brocade Fabric Vision technology
unleashes the full potential of high-density
server virtualization, cloud architectures,
and next-generation storage.
Industry-Leading Technology
That Is Flexible, Simple, and
Easy to Use
The Brocade 6505 delivers industry-
leading Gen 5 Fibre Channel technology
within a flexible, simple, and easy-to-use
solution. The base configuration includes
12 ports, with up to 24 ports on demand.
In addition to providing best-in-class
scalability, the Brocade 6505 is easy to
deploy with the Brocade EZSwitchSetup
wizard and the ClearLink Diagnostic Ports
(D_Ports) feature, which simplifies setup.
A Building Block for
Virtualized, Private Cloud
Storage
The Brocade 6505 provides a critical
building block for today’s highly virtualized,
private cloud storage environments. It
simplifies server virtualization and Virtual
Desktop Infrastructure (VDI) management
while meeting the high-throughput
demands of Solid State Disks (SSDs).
The Brocade 6505 also supports multi-
tenancy in cloud environments through
Quality of Service (QoS) and fabric-based
zoning features.
Brocade Access Gateway
Mode
The Brocade 6505 can be deployed
as a full-fabric switch or as a Brocade
Access Gateway, which simplifies fabric
topologies and heterogeneous fabric
connectivity (the default mode setting is a
switch). Brocade Access Gateway mode
utilizes N_Port ID Virtualization (NPIV)
switch standards to present physical
and virtual servers directly to the core
of SAN fabrics. This makes Brocade
Access Gateway transparent to the SAN
fabric, greatly reducing management of
the network edge. The Brocade 6505
in Brocade Access Gateway mode1 can
connect servers to NPIV-enabled Brocade
B-Series, Brocade M-Series, and other
SAN fabrics.
1 Brocade Access Gateway mode for the Brocade 6505 is supported only in 24-port configurations.
Figure 1: Dynamic Path Selection (DPS) augments Brocade ISL Trunking to route data efficiently between multiple trunk groups.
8.5 Gbps
DPS
Dynamic Path Selection (DPS)
Balancing data flow between
multiple trunk groups
Up to
256 Gbps
Up to
256 Gbps
Trunk group
Trunk group
Trunk group
Trunk group
Frame-based Trunking
ASIC Preserves In-order Delivery
8.5 Gbps
4.5 Gbps
9 Gbps
6 Gbps
12.5 Gbps
10.5 Gbps
...n Gbps
...n Gbps
4.5 Gbps
9 Gbps
6 Gbps
12.5 Gbps
10.5 Gbps



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com