Electronic Components Datasheet Search
  English  ▼

X  

HIP6602B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6602B
Description  Dual Channel Synchronous Rectified Buck MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6602B Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6602B Datasheet HTML 1Page - Renesas Technology Corp HIP6602B Datasheet HTML 2Page - Renesas Technology Corp HIP6602B Datasheet HTML 3Page - Renesas Technology Corp HIP6602B Datasheet HTML 4Page - Renesas Technology Corp HIP6602B Datasheet HTML 5Page - Renesas Technology Corp HIP6602B Datasheet HTML 6Page - Renesas Technology Corp HIP6602B Datasheet HTML 7Page - Renesas Technology Corp HIP6602B Datasheet HTML 8Page - Renesas Technology Corp HIP6602B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN9076 Rev 6.00
Page 1 of 12
December 3, 2015
FN9076
Rev 6.00
December 3, 2015
HIP6602B
Dual Channel Synchronous Rectified Buck MOSFET Driver
DATASHEET
The HIP6602B is a high frequency, two power channel
MOSFET driver specifically designed to drive four power
N-Channel MOSFETs in a synchronous rectified buck
converter topology. This device is available in either a
14-lead SOIC or a 16-lead QFN package with a PAD to
thermally enhance the package. These drivers combined
with a HIP63xx or ISL65xx series of Multi-Phase Buck PWM
controllers and MOSFETs form a complete core voltage
regulator solution for advanced microprocessors.
The HIP6602B drives both upper and lower gates over a
range of 5V to 12V. This drive-voltage flexibility provides the
advantage of optimizing applications involving trade-offs
between switching losses and conduction losses.
The output drivers in the HIP6602B have the capacity to
efficiently switch power MOSFETs at high frequencies. Each
driver is capable of driving a 3000pF load with a 30ns
propagation delay and 50ns transition time. This device
implements bootstrapping on the upper gates with a single
external capacitor and resistor required for each power
channel. This reduces implementation complexity and allows
the use of higher performance, cost effective, N-Channel
MOSFETs. Adaptive shoot-through protection is integrated
to prevent both MOSFETs from conducting simultaneously.
Features
• Drives Four N-Channel MOSFETs
• Adaptive Shoot-Through Protection
• Internal Bootstrap Devices
• Supports High Switching Frequency
- Fast Output Rise Time
- Propagation Delay 30ns
• Small 14-Lead SOIC Package
• Smaller 16-Lead QFN Thermally Enhanced Package
• 5V to 12V Gate-Drive Voltages for Optimal Efficiency
• Three-State Input for Bridge Shutdown
• Supply Undervoltage Protection
• Pb-Free Plus Anneal Available (RoHS Compliant)
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
Applications
• Core Voltage Supplies for Intel Pentium® III and AMD®
AthlonTM Microprocessors.
• High-Frequency, Low-Profile DC/DC Converters
• High-Current, Low-Voltage DC/DC Converters
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HIP6602BCB
0 to 85
14 Ld SOIC
M14.15
HIP6602BCB-T
14 Ld SOIC Tape and Reel
HIP6602BCBZ (Note 1)
0 to 85
14 Ld SOIC
(Pb-Free)
M14.15
HIP6602BCBZ-T (Note 1)
14 Ld SOIC Tape and Reel (Pb-Free)
HIP6602BCR
0 to 85
16 Ld 5x5 QFN L16.5x5
HIP6602BCR-T
16 Ld 5x5 QFN Tape and Reel
HIP6602BCRZ (Note 1)
0 to 85
16 Ld 5x5 QFN
(Pb-Free)
L16.5x5
HIP6602BCRZ-T (Note 1)
16 Ld 5x5 QFN Tape and Reel (Pb-Free)
HIP6602BCRZA (Note 1)
0 to 85
16 Ld 5x5 QFN
(Pb-Free)
L16.5x5
HIP6602BCRZA-T (Note 1) 16 Ld 5x5 QFN Tape and Reel (Pb-Free)
NOTE:
1. Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
NOT RECOMMENDED FOR NEW DESIGNS
INTERSIL RECOMMENDS:
ISL6612, ISL6612A, ISL6613, ISL6613A,
ISL6614, ISL6614A, ISL6622, ISL6625A


Similar Part No. - HIP6602B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
HIP6602BCB INTERSIL-HIP6602BCB Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
HIP6602BCB-T INTERSIL-HIP6602BCB-T Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
HIP6602BCBZ INTERSIL-HIP6602BCBZ Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
HIP6602BCBZ-T INTERSIL-HIP6602BCBZ-T Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
More results

Similar Description - HIP6602B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
logo
Renesas Technology Corp
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com