Electronic Components Datasheet Search
  English  ▼

X  

PJ7905CZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PJ7905CZ
Description  3-Terminal Negative Output Voltage Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ7905CZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PJ7905CZ Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ7905CZ Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ7905CZ Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ7905CZ Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ7905CZ Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ7905CZ Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ7905CZ Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ7905CZ Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ7905CZ Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PJ7900 Series
3-Terminal Negative Output Voltage Regulators
2-9
2002/10.rev.A
RATING
SYMBOL
PJ7900 Series
UNIT
Input Voltage *(-5V≧Vo≧-18V)
**(-24V)
Vin
-35
-40
V
Power Dissipation
TO-220
TO-220
TO-220F
Without heatsink
Pt ***
With
heatsink
2
15
10
℃
/W
Operating Ambient Temperature
Topr
-20 to +85
℃
Operating Junction Temperature
Tj
0 to +125
℃
Storage Temperature
Tstg
-25 to +150
℃
Note: *1: PJ7905 to PJ7918
**2: PJ7924
***3: Follow the derating curve. When Tj exceeds 150℃, the internal circuit cuts off the output.
(Vin=-10V, Iout=500mA, Cin=2μF, Cout=1μF; Tj=0℃ to 125℃, unless otherwise specified.)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN.
TYP.
MAX
UNIT
Tj=25℃
-4.80
-5.0
-5.20
V
Output Voltage
Vo
1
Vi=-7 to -20V, Io=5mA to 1A, PD<15W
-4.75
-5.0
-5.25
V
Tj=25℃
Vi=-7 to -25V
--
3
100
mV
Line Regulation
REGline
1
Vi=-8 to -12V
--
1
50
mV
Tj=25℃
Io=5mA to 1.5A
--
10
100
mV
Load Regulation
REGload
1
Io=250mA to 750mA
--
3
50
mV
Quiescent Current
I
q
2
Tj=25℃
--
2
4
mA
VIN=-7 to -25V
--
--
1.3
Quiescent current Change
Δ I
q
2
Io=5mA to 1.5A
0.5
mA
Output Noise Voltage
Vn
1
f=10Hz to 100KHz, Ta=25℃
--
40
--
μV
Ripple Rejection Ratio
RR
3
Vi=-8 to -18V, Io=100mA, f=120Hz
62
74
--
dB
Min. I/O Voltage Difference
Vdif
Io=1A, Tj=25℃
--
1.1
--
V
Peak Output Current
Io-peak
1
Tj=25℃
--
2.1
--
A
Output Voltage Tempoerature
Coefficient
ΔVo/Ta
1
Io=5mA, Tj=0 to 125℃
--
-0.4
--
mV/
℃
Note: The specified condition Tj=25℃ means that the test should be carried out with the test time so short (within 10mS), that the drift in
characteristic value due to the rise in chip junction temperature can be ignored.
STANDARD APPLICATION
A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0 V
more negative even during the high point on the input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable distance from power supply filter.
** = Co improves stability and transient response.
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
• PJ7905 ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com