Electronic Components Datasheet Search
  English  ▼

X  

LW-C9SP Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LW-C9SP
Description  SMD ceramic package with silicon resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-C9SP Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LW-C9SP Datasheet HTML 5Page - OSRAM GmbH LW-C9SP Datasheet HTML 6Page - OSRAM GmbH LW-C9SP Datasheet HTML 7Page - OSRAM GmbH LW-C9SP Datasheet HTML 8Page - OSRAM GmbH LW-C9SP Datasheet HTML 9Page - OSRAM GmbH LW-C9SP Datasheet HTML 10Page - OSRAM GmbH LW-C9SP Datasheet HTML 11Page - OSRAM GmbH LW-C9SP Datasheet HTML 12Page - OSRAM GmbH LW-C9SP Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
released
LW C9SP
2008-07-21
9
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
I
F = f (VF); TA = 25 °C
Farbortverschiebung
2) Seite 18
Chromaticity Coordinate Shift
2) Seite 18
x, y =
f (I
F); TA = 25 °C
Relative Lichtstrom
2) 7) Seite 18
Relative Luminous Flux
2) 7) page 18
Φ
V/ΦV
(500 mA) = f (IF); TA = 25 °C
Farbortverschiebung
2) Seite 18
Chromaticity Coordinate Shift
2) Seite 18
x, y = f (T
j); IF = 500 mA
3.5
2
2.0
10
1
10
3.0
2.5
10
3
mA
4.5
4.0 V
OHL02520
5
5
VF
F
I
0
OHL02866
mA
Cy
Cx,
ΔΔ
F
I
-0.010
Cx
Cy
100 200 300 400 500 600
800
-0.005
0
0.005
0.010
0.015
0.020
0.030
OHL03528
I
F
I
I
V (500 mA)
V
10
10
5
3
10
mA
12
10
1
5
-1
10
10
0
-0.018
-60
OHL03444
˚C
Cx,
Δ
Cy
Δ
-20
20
60
100
140
Cx
Cy
-0.016
-0.014
-0.012
-0.010
-0.008
-0.006
-0.004
-0.002
0
0.002
0.008
-40
0
40
80
j
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com