Electronic Components Datasheet Search
  English  ▼

X  

ICL7660CBA Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICL7660CBA
Description  CMOS Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660CBA Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICL7660CBA Datasheet HTML 3Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 4Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 5Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 6Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 7Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 8Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 9Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 10Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ICL7660, ICL7660A
FN3072 Rev.7.00
Page 10 of 11
Oct 5, 2010
Positive Voltage Doubling
The ICL7660 and ICL7660A may be employed to achieve
positive voltage doubling using the circuit shown in Figure 19.
In this application, the pump inverter switches of the ICL7660
and ICL7660A are used to charge C1 to a voltage level of V+ -
VF (where V+ is the supply voltage and VF is the forward
voltage drop of diode D1). On the transfer cycle, the voltage on
C1 plus the supply voltage (V+) is applied through diode D2 to
capacitor C2. The voltage thus created on C2 becomes (2V+) -
(2VF) or twice the supply voltage minus the combined forward
voltage drops of diodes D1 and D2.
The source impedance of the output (VOUT) will depend on the
output current, but for V+ = 5V and an output current of 10mA it
will be approximately 60
.
Combined Negative Voltage Conversion
and Positive Supply Doubling
Figure 20 combines the functions shown in Figures 13 and
Figure 19 to provide negative voltage conversion and positive
voltage doubling simultaneously. This approach would be, for
example, suitable for generating +9V and -5V from an existing
+5V supply. In this instance capacitors C1 and C3 perform the
pump and reservoir functions respectively for the generation of
the negative voltage, while capacitors C2 and C4 are pump
and reservoir respectively for the doubled positive voltage.
There is a penalty in this configuration which combines both
functions, however, in that the source impedances of the
generated supplies will be somewhat higher due to the finite
impedance of the common charge pump driver at pin 2 of the
device.
Voltage Splitting
The bidirectional characteristics can also be used to split a
higher supply in half, as shown in Figure 21. The combined
load will be evenly shared between the two sides. Because the
switches share the load in parallel, the output impedance is
much lower than in the standard circuits, and higher currents
can be drawn from the device. By using this circuit, and then
the circuit of Figure 16, +15V can be converted (via +7.5, and -
7.5) to a nominal -15V, although with rather high series output
resistance (
~250).
Regulated Negative Voltage Supply
In some cases, the output impedance of the ICL7660 and
ICL7660A can be a problem, particularly if the load current
varies substantially. The circuit of Figure 22 can be used to
overcome this by controlling the input voltage, via an ICL7611
low-power CMOS op amp, in such a way as to maintain a nearly
constant output voltage. Direct feedback is inadvisable, since
the ICL7660s and ICL7660As output does not respond
instantaneously to change in input, but only after the switching
delay. The circuit shown supplies enough delay to
accommodate the ICL7660 and ICL7660A, while maintaining
adequate feedback. An increase in pump and storage
capacitors is desirable, and the values shown provides an
output impedance of less than 5
 to a load of 10mA.
1
2
3
4
8
7
6
5
+
-
VOUT
V+
+
-
C2
C1
COSC
ICL7660
ICL7660A
FIGURE 18. LOWERING OSCILLATOR FREQUENCY
1
2
3
4
8
7
6
5
V+
D2
C1
C2
VOUT =
(2V+) - (2VF)
+
-
+
-
D1
ICL7660
ICL7660A
FIGURE 19. POSITIVE VOLT DOUBLER
1
2
3
4
8
7
6
5
V+
D1
D2
C4
VOUT = (2V+) -
(VFD1) - (VFD2)
+
-
C2
+
-
C3
+
-
VOUT =
- (nVIN - VFDX)
C1
+
-
ICL7660
ICL7660A
FIGURE 20. COMBINED NEGATIVE VOLTAGE CONVERTER
AND POSITIVE DOUBLER
1
2
3
4
8
7
6
5
+
-
+
-
50
F
50
F
+
-
50
F
RL1
VOUT = V+ - V-
2
V+
V
-
RL2
ICL7660
ICL7660A
FIGURE 21. SPLITTING A SUPPLY IN HALF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com