Electronic Components Datasheet Search
  English  ▼

X  

EN1C13 Datasheet(PDF) 2 Page - Vicor Corporation

Part # EN1C13
Description  Component Power Front-end System for EN Compliance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1C13 Datasheet(HTML) 2 Page - Vicor Corporation

  EN1C13 Datasheet HTML 1Page - Vicor Corporation EN1C13 Datasheet HTML 2Page - Vicor Corporation EN1C13 Datasheet HTML 3Page - Vicor Corporation EN1C13 Datasheet HTML 4Page - Vicor Corporation EN1C13 Datasheet HTML 5Page - Vicor Corporation EN1C13 Datasheet HTML 6Page - Vicor Corporation EN1C13 Datasheet HTML 7Page - Vicor Corporation EN1C13 Datasheet HTML 8Page - Vicor Corporation EN1C13 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ENMODS™
Rev 3.3
vicorpower.com
Page 2 of 13
06/2017
800 927.9474
EN1xxx
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
Low range
90
115
132
VAC
Autoranging (doubler mode)
High range
180
230
264
VAC
Autoranging (bridge mode)
Input undervoltage
90
VAC
Shutdown
AC line frequency
47
63
Hz
C-, and T-Grade
Power factor
0.68
0.72
Typical line
Inrush current
30
Amps
264VAC line voltage
INPUT SPECIFICATIONS (see Figures 3 through 7 for operating characteristics)
Electrical Characteristics
Electrical characteristics apply over the full operating range of input voltage, output power and baseplate temperature, unless otherwise specified. All
temperatures refer to the operating temperature at the center of the baseplate. Performance specifications are based on the ENMod system as shown in
Figure 1a.
* Tracking error between BUS OK and Enable thresholds
Parameter
Min
Typ
Max
Unit
Notes
Output power
0
575
Watts
Efficiency
@115VAC
93
94
%
Full load
@ 230VAC
96
97
%
Full load
Output voltage
250
375
VDC
External hold-up capacitance
1,750
µF
2-3300µF in Series–HUB 3300S
OUTPUT SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
AC Bus OK (BOK)
Low state resistance
15
Ω
To negative output – Bus normal
Low state voltage
0.1
VDC
50mA maximum
High state voltage
14.8
15.0
15.2
VDC
Bus abnormal, 27kΩ internal pull up to 15VDC (see Figure 12)
BOK true threshold
235
240
245
VDC
Output Bus voltage
BOK false threshold
200
205
210
VDC
Output Bus voltage
Module Enable (EN)
Low state resistance
15
Ω
To negative output – Converters disabled
Low state voltage
0.1
VDC
50mA maximum
High state voltage
12
14
16
VDC
150kΩ internal pull up to 15VDC (see Figure 11)
Enable threshold
235
240
VDC
Output bus voltage
Disable threshold
185
190
195
VDC
Output bus voltage
AC Bus OK - Module Enable,
12
14
16
VDC
AC Bus OK and Module Enable thresholds track
differential error*
CONTROL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com